Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPL Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # CPL
Description  48V DC Critical Power Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CPL Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button CPL Datasheet HTML 3Page - Lineage Power Corporation CPL Datasheet HTML 4Page - Lineage Power Corporation CPL Datasheet HTML 5Page - Lineage Power Corporation CPL Datasheet HTML 6Page - Lineage Power Corporation CPL Datasheet HTML 7Page - Lineage Power Corporation CPL Datasheet HTML 8Page - Lineage Power Corporation CPL Datasheet HTML 9Page - Lineage Power Corporation CPL Datasheet HTML 10Page - Lineage Power Corporation CPL Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
48V DC Critical Power Solution
Features – Model J85480S1
Features – Model J2007001
The Compact Power Line platform is designed to provide highly
reliable DC power for 48V distributed power architectures. When
embedded into an OEM design, GE can support the integration
into the OEM design, Otherwise an external shelf can be used to
provide power. A single shelf configuration provides up to 11kW of
48V output power in 1U high and mounts in 19-inch or 23-inch wide
frames. The CPL product platform is easily expandable for future
growth by stacking multiple shelves. CPL is a reliable DC power
solution for mission-critical enterprise and telecommunications
network equipment.
The CPL product line provides several shelf options. J85480S1
shelves have four slots for either rectifiers or converters (PEMs).
These shelves are primarily used without a controller or with a
customer’s controller using I2C communications. J2007001 shelves
have four slots with space for a full-feature Pulsar Edge Network
Interface Controller (NIC). The Pulsar Edge controller has Ethernet
connectivity with SNMP to facilitate remote network management
to monitor and control rectifiers, batteries, and distribution. These
shelves are used with either shelf mounted distribution or external
distribution panels for small battery plant applications.
• Fits into a standard 19” rack
• Two DC Outputs may be common or split. Each output bus is rated
for 100A with two-hole lug landings for 2 AWG wire.
• Choose between IEC-320 C13 or C19 or other
AC input connections.
• Analog or dual/redundant I2C communications.
• Adjustable mounting ears for near flush front or multiple set
back positions.
• Fits into a standard 19” rack
• Single DC output rated for 200A with two-hole lug landings for up
to 2/0 AWG cable.
• Choose between IEC-320 or Molex Mini-Fit SR for AC input. Single,
dual or quad input feeds
• RS485 communications.
• Adjustable mounting ears with multiple set back positions.
• Up to 3 shelves may be interconnected with bus straps for DC
outputs for a 600A system
• Plug-N-Play CP841A controller with front access craft port, rear
access LAN and alarm connections
• Select Shelves include distribution modules
J2007 Rectifier Shelf
J2007 Converter Shelf
J85480 Rectifier Shelf
J85480 Converter Shelf
Compact Power Line, CPB-CPL
|
GECriticalPower.com
7
Ordering Information – Compact Power Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com