Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPL Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # CPL
Description  48V DC Critical Power Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CPL Datasheet(HTML) 5 Page - Lineage Power Corporation

  CPL Datasheet HTML 1Page - Lineage Power Corporation CPL Datasheet HTML 2Page - Lineage Power Corporation CPL Datasheet HTML 3Page - Lineage Power Corporation CPL Datasheet HTML 4Page - Lineage Power Corporation CPL Datasheet HTML 5Page - Lineage Power Corporation CPL Datasheet HTML 6Page - Lineage Power Corporation CPL Datasheet HTML 7Page - Lineage Power Corporation CPL Datasheet HTML 8Page - Lineage Power Corporation CPL Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Applications
Key Features
• Enterprise Networks - Voice, Data, PoE
• Telecommunications networks
• Transmission equipment
• Fiber in the loop
• Routers/switches
• Data networks
• PBX
Remote Access and Features
• Integrated 10/100Base-T Ethernet Network
- TCP/IP
- SNMP V2c for management
- SMTP for email
- Telnet for command line interface
- DHCP for plug-n-play
- FTP for rapid backup and upgrades
- HTTP for standard web pages and
browsers
- Compatible with Galaxy Manager
and other management packages
- Shielded RJ-45 interface referenced
to chassis ground
• Password protected security levels: User,
Super-User, Administrator for all access
• Ground-referenced RS232 system port
• ANSI T1.317 command-line interface
• Modem access support
- Remote via external modem
- Callback security
• EasyView2, Windows-based GUI software for
local terminal or
Modem access
Standard System Features
• Monitor and control of more than 40
connected devices
- Maximumof32rectifiers
- Maximum of 6 distribution control cards
- Robust RS485 system bus
• Standardanduserdefinedsystemalarms
- Alarm test
- Assignable alarm severity: Critical,
Major, Minor, Warning, and
Record-only
• Rectifiermanagementfeatures
- Automaticrectifierrestart
- ActiveRectifierManagement
(energyefficiency)
- Remoterectifier(on/off)
- Reserve Operation
- Automaticrectifiersequencecontrol
- N + X redundancy check
• Multiple Low Voltage Load and Low Voltage
Battery Disconnect thresholds (4)
• Configuration,statistics,andhistory
- All stored in non-volatile memory
- Remote/local backup and restore of
configurationdata
• Industry standard defaults
- Customerspecificconfigurations
available
• Remote/ local software upgrade
• Basic, busy hour, and trend statistics
• Detailed event history
• Userdefinedeventsandderivedchannels
Standard Battery Management Features
• Float/boost mode control
- Manual boost
- Manual timed boost locally, T1.317,
and remotely initiated
- Auto boost terminated by time
or current
• Battery discharge testing
- Manual (local/remote)
- Periodic
- Plant Battery Test (PBT) input driven
- Configurablethresholdor
20% algorithm
- Graphical discharge data
- Rectifierson-lineduringtest
• Slope thermal compensation
- High temperature
- Low temperature
- Step temperature
- STC Enable/Disable, low temperature
Enable/Disable
- ConfigurablemV/°Cslopes
• State of charge indication
• High temperature disconnect setting
• Reserve-time prediction
• Recharge current limit
• EmergencyPower-Offinput
Compact Power Line, CPB-CPL
|
GECriticalPower.com
5
Pulsar Edge Controller (For Applications in J2007001 shelves)
The CPL Pulsar Edge controller delivers large system intelligence in a small system form factor. This
family of controllers functions as a network interface controller (NIC) and as a full-featured battery plant
controller to the Compact Power Line (CPL) platform. Its thin modular plug-in form factor minimizes shelf
space consumption allowing maximum power module and distribution capabilities yet provides features
found in controllers used in much larger power systems.
The Pulsar Edge CP841A controller is utilized in bulk power applications in data centers and enterprise
applications. Ethernet connectivity with SNMP facilitates remote network management access through its
front-accessible RS232 or USB port and is aided by the EasyView2 graphical user interface.
As a battery plant controller, it provides a complete set of features to monitor and control rectifiers, batteries, and distribution. A flexible
set of configurable inputs allow the CP841A to monitor a wide variety of system equipment and incorporate appropriate state information
enabling a centralized point of management.
The controller utilizes standard network management protocols allowing for advanced network supervision. GE Galaxy Manager* software is
the centralized visibility and control component of a comprehensive power management system designed to meet engineering, operations, and
maintenance needs. The Galaxy Manager client-server architecture enables remote access to system controllers across the power network.
* See next page for Galaxy Manager description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com