Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 18Page - STMicroelectronics L6717TR Datasheet HTML 19Page - STMicroelectronics L6717TR Datasheet HTML 20Page - STMicroelectronics L6717TR Datasheet HTML 21Page - STMicroelectronics L6717TR Datasheet HTML 22Page - STMicroelectronics L6717TR Datasheet HTML 23Page - STMicroelectronics L6717TR Datasheet HTML 24Page - STMicroelectronics L6717TR Datasheet HTML 25Page - STMicroelectronics L6717TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Hybrid CPU support and CPU_TYPE detection
L6717
22/56
Doc ID 17326 Rev 1
transition for the addressed section(s) or, more in general, react to the sent command
accordingly. Refer to Figure 6, Table 8 and Table 9 for details about the set VID Command.
L6717 is able to manage individual power OFF for both the sections. The CPU may issue a
serial VID command to power OFF or power ON one Section while the other one remains
powered. In this case, the PWRGOOD signal remains asserted.
Figure 6.
SVI Communications - send byte
Table 8.
SVI send byte - address and data phase description
bits
Description
Address phase
6:4
Always 110b.
3
Not applicable, ignored.
2
Not applicable, ignored.
1
CORE section(1).
If set then the following data byte contains the VID code for CORE section.
1.
Assertion in both bit 1 and 0 will address the VID code to both CORE and NB simultaneously.
0
NB section(1).
If set then the following data byte contains the VID code for NB section.
Data phase
7
PSI_L flag (Active low).When asserted, the VR is allowed to enter power-saving
mode. See Section 5.4.3.
6:0
VID code. See Table 9.
SVC
SVD
START
110b
ACK
ACK
Slave Addressing
(7 Clocks)
654
0
WRITE
(1Ck)
ACK
(1Ck)
76
0
3
Data Phase
(8 Clocks)
ACK
(1Ck)
STOP
START
SLAVE ADDRESSING + W
ACK
DATA PHASE
ACK
STOP
BUS DRIVEN BY L6717
BUS DRIVEN BY MASTER (CPU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com