Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717TR Datasheet(PDF) 47 Page - STMicroelectronics

Part # L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 43Page - STMicroelectronics L6717TR Datasheet HTML 44Page - STMicroelectronics L6717TR Datasheet HTML 45Page - STMicroelectronics L6717TR Datasheet HTML 46Page - STMicroelectronics L6717TR Datasheet HTML 47Page - STMicroelectronics L6717TR Datasheet HTML 48Page - STMicroelectronics L6717TR Datasheet HTML 49Page - STMicroelectronics L6717TR Datasheet HTML 50Page - STMicroelectronics L6717TR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
L6717
High current embedded drivers
Doc ID 17326 Rev 1
47/56
10
High current embedded drivers
L6717 provides high-current driving control for CORE and NB sections. The driver for the
high-side MOSFET use BOOTx pin for supply and PHASEx pin for return. The driver for the
low-side MOSFET use the VCCDR pin for supply and GND pin for return.
The embedded driver embodies an anti-shoot-through and adaptive dead-time control to
minimize low-side body diode conduction time maintaining good efficiency saving the use of
Schottky diodes: when the high-side MOSFET turns off, the voltage on its source begins to
fall; when the voltage reaches about 2 V, the low-side MOSFET gate drive voltage is
suddenly applied. When the low-side MOSFET turns off, the voltage at LGATE pin is
sensed. When it drops below about 1 V, the high-side MOSFET gate drive voltage is
suddenly applied. If the current flowing in the inductor is negative, the source of high-side
MOSFET will never drop. To allow the low-side MOSFET to turn-on even in this case, a
watchdog controller is enabled: if the source of the High-Side MOSFET doesn't drop, the
low-side MOSFET is switched on so allowing the negative current of the inductor to
recirculate. This mechanism allows the system to regulate even if the current is negative.
10.1
Boot capacitor design
Bootstrap capacitor needs to be designed in order to show a negligible discharge due to the
high-side MOSFET turn-on. In fact it must give a stable voltage supply to the high-side driver
during the MOSFET turn-on also minimizing the power dissipated by the embedded boot
diode. Figure 16 gives some guidelines on how to select the capacitance value for the
bootstrap according to the desired discharge and depending on the selected MOSFET.
To prevent bootstrap capacitor to extra-charge as a consequence of large negative spikes,
an external series resistance RBOOT (in the range of few ohms) may be required in series to
BOOT pin.
Figure 16.
Bootstrap capacitor design
0.0
0.5
1.0
1.5
2.0
2.5
0
10
203040
50
6070
8090
100
High-Side MOSFET Gate Charge [nC]
Cboot = 47nF
Cboot = 100nF
Cboot = 220nF
Cboot = 330nF
Cboot = 470nF
0
500
1000
1500
2000
2500
0.0
0.2
0.4
0.6
0.8
1.0
Boot Cap Delta Voltage [V]
Qg = 10nC
Qg = 25nC
Qg = 50nC
Qg = 100nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com