Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717TR Datasheet(PDF) 45 Page - STMicroelectronics

Part # L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 41Page - STMicroelectronics L6717TR Datasheet HTML 42Page - STMicroelectronics L6717TR Datasheet HTML 43Page - STMicroelectronics L6717TR Datasheet HTML 44Page - STMicroelectronics L6717TR Datasheet HTML 45Page - STMicroelectronics L6717TR Datasheet HTML 46Page - STMicroelectronics L6717TR Datasheet HTML 47Page - STMicroelectronics L6717TR Datasheet HTML 48Page - STMicroelectronics L6717TR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
L6717
Output voltage monitoring and protections
Doc ID 17326 Rev 1
45/56
8.4.2
NB section
NB section performs per-phase over current: its maximum information current (IINFO_NB) is
internally limited to IOCTH_NB (35 μA typ). If the current information for the NB phase
exceeds the end-of-scale current (i.e. if IINFO_NB > IOCTH_NB), the device will turn-on the
low-side MOSFET, also skipping clock cycles, until the threshold is re-crossed (i.e. until
IINFO_NB < IOCTH_NB).
After exiting the OC condition, the low-side MOSFET is turned off and the high-side is
turned on with a duty cycle driven by the PWM comparator.
Design RG_NB resistor in order to have IDROOP_NB = IOCTH_NB (35μA) at the IOC_NBmax
current.
It results:
Note:
DRP_ADJ command from power manager I2C does not alter the current information used
for per-phase OC.
R
GNB
I
OC_NBmax
DCR
⋅
I
OCTH_NB
-------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com