Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717TR Datasheet(PDF) 46 Page - STMicroelectronics

Part # L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 42Page - STMicroelectronics L6717TR Datasheet HTML 43Page - STMicroelectronics L6717TR Datasheet HTML 44Page - STMicroelectronics L6717TR Datasheet HTML 45Page - STMicroelectronics L6717TR Datasheet HTML 46Page - STMicroelectronics L6717TR Datasheet HTML 47Page - STMicroelectronics L6717TR Datasheet HTML 48Page - STMicroelectronics L6717TR Datasheet HTML 49Page - STMicroelectronics L6717TR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
Main oscillator
L6717
46/56
Doc ID 17326 Rev 1
9
Main oscillator
The controller embeds a dual-oscillator: one section is used for the CORE and it is a multi-
phase programmable oscillator managing equal phase-shift among all phases and the other
section is used for the NB section. Phase-shift between the CORE and NB ramps is
automatically adjusted according to the CORE phase # programmed.
The internal oscillator generates the triangular waveform for the PWM charging and
discharging with a constant current an internal capacitor. The switching frequency for each
channel, FSW, is internally fixed at 200 kHz: the resulting switching frequency for the CORE
section at the load side results in being multiplied by N (number of configured phases).
The current delivered to the oscillator is typically 20
μA (corresponding to the free running
frequency FSW=200 kHz) and it may be varied using an external resistor (ROSC) typically
connected between the OSC pin and SGND. Since the OSC pin is fixed at 1.240 V, the
frequency is varied proportionally to the current sunk from the pin considering the internal
gain of 9.1 kHz/
μA (See Figure 15).
Connecting ROSC to SGND the frequency is increased (current is sunk by the pin),
according to the following relationships:
Connecting ROSC to a positive voltage (recommended 3.3 V rail) the frequency is reduced
(current is injected into the pin), according to the following relationships:
where +V is the positive voltage which the ROSC resistor is connected.
Figure 15.
ROSC vs. switching frequency
F
SW
200kHz
1.240V
R
OSC
------------------- 9.1
kHz
μA
-----------
⋅
+
=
F
SW
200kHz
+V
1.240
–
R
OSC
---------------------------- 9.1
kHz
μA
-----------
⋅
–
=
FSW vs. Rosc
75
125
175
225
275
325
375
425
0
50
100
150
200
250
300
350
400
450
Rosc [kOhm]
Rosc+ (to SGND)
Rosc- (to 3V3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com