Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717TR Datasheet(PDF) 43 Page - STMicroelectronics

Part # L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 39Page - STMicroelectronics L6717TR Datasheet HTML 40Page - STMicroelectronics L6717TR Datasheet HTML 41Page - STMicroelectronics L6717TR Datasheet HTML 42Page - STMicroelectronics L6717TR Datasheet HTML 43Page - STMicroelectronics L6717TR Datasheet HTML 44Page - STMicroelectronics L6717TR Datasheet HTML 45Page - STMicroelectronics L6717TR Datasheet HTML 46Page - STMicroelectronics L6717TR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
L6717
Output voltage monitoring and protections
Doc ID 17326 Rev 1
43/56
soon as the difference between the output and the input of this OpAmp is higher than
500mV, the device latches in HiZ. FLT pin is driven high.
To recover from a latch condition, cycle VCC or EN.
Figure 14.
FB disconnection protection
8.3
PWRGOOD
It is an open-drain signal set free after the soft-start sequence has finished; it is the logic
AND between the internal CORE and NB PGOOD (or just the CORE PGOOD in PVI mode).
It is pulled low when the output voltage of one of the two sections drops 250 mV below the
programmed voltage. It is masked during on-the-fly VID transitions as well as when the
CORE section is set to OFF (from SVI bus) while the NB section is still operative.
8.4
Overcurrent
The overcurrent threshold has to be programmed to a safe value, in order to be sure that
each section doesn't enter OC during normal operation of the device. This value must take
into consideration also the extra current needed during the OTF-VID transition (IOTF-VID) and
the process spread and temperature variations of the sensing elements (Inductor DCR).
Moreover, since also the internal threshold spreads, the design has to consider the mini-
mum/maximum values of the threshold. Considering the reading method, the two sections
will show different behaviors in OC.
8.4.1
CORE section
L6717 performs two different OC protections for the CORE section: it monitors both the total
current and the per-phase current and allows to set an OC threshold for both.
–
Per-phase OC.
Maximum information current per-phase (IINFOx) is internally limited to 35 μA. This
end-of-scale current (IOC_TH) is compared with the information current generated
for each phase (IINFOx). If the current information for the single phase exceed the
end-of-scale current (i.e. if IINFOx > IOC_TH), the device will turn-on the LS
MOSFET until the threshold is re-crossed (i.e. until IINFOx < IOC_TH).
–
Total current OC.
ILIM pin allows to define a maximum total output current for the system (IOC_TOT).
ILIM current is sourced from the ILIM pin (not altered by DRP_ADJ command). By
connecting a resistor RILIM to SGND, a load indicator with 2.5 V (VOC_TOT) end-of-
CORE_REFERENCE
FB
COMP
VSEN
FBG
RF
CF
RFB
To VDD_CORE
(Remote Sense)
from DAC...
CORE and NB SECTION - VSEN AND FBG DISCONNECTION
500mV
FBG DISCONNECTED
CS1-
600mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com