Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 21Page - STMicroelectronics L6717TR Datasheet HTML 22Page - STMicroelectronics L6717TR Datasheet HTML 23Page - STMicroelectronics L6717TR Datasheet HTML 24Page - STMicroelectronics L6717TR Datasheet HTML 25Page - STMicroelectronics L6717TR Datasheet HTML 26Page - STMicroelectronics L6717TR Datasheet HTML 27Page - STMicroelectronics L6717TR Datasheet HTML 28Page - STMicroelectronics L6717TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
L6717
Hybrid CPU support and CPU_TYPE detection
Doc ID 17326 Rev 1
25/56
5.4.4
HiZ management
L6717 is able to manage HiZ both for internal driver and for external drivers through the
PWMx signals. When the controller needs to set HiZ state for a phase or section, it sets the
corresponding PWMx pin floating and, at the same time, turn OFF both HS and LS
MOSFETs by proper action of the corresponding embedded driver.
5.4.5
Hardware jumper override - V_FIX
VID0/V_FIX pin allows the device to operate in V_FIX mode.
Anytime L6717 is enabled it checks the pin VID0/V_FIX voltage level: pull up VID0/V_FIX to
3.3V to enter V_FIX mode.
When in V_FIX mode, both NB and CORE Section voltages are governed by the information
shown in Table 7.
Regardless of the state of VID1, the device will work in SVI mode and furthermore PWROK
logic level is ignored.
SVC and SVD are considered as static VID and the output voltage changes according to
their status. Dynamic SVC/SVD-change management is provided in this condition.
V_FIX mode is intended for system debug only.
Protection management differs in this case, see Section 8.1 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com