Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717TR Datasheet(PDF) 40 Page - STMicroelectronics

Part # L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 36Page - STMicroelectronics L6717TR Datasheet HTML 37Page - STMicroelectronics L6717TR Datasheet HTML 38Page - STMicroelectronics L6717TR Datasheet HTML 39Page - STMicroelectronics L6717TR Datasheet HTML 40Page - STMicroelectronics L6717TR Datasheet HTML 41Page - STMicroelectronics L6717TR Datasheet HTML 42Page - STMicroelectronics L6717TR Datasheet HTML 43Page - STMicroelectronics L6717TR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Output voltage positioning
L6717
40/56
Doc ID 17326 Rev 1
7.8
Soft-start
L6717 implements a soft-start to smoothly charge the output filter avoiding high in-rush cur-
rents to be required to the input power supply. In SVI mode, soft-start time is intended as the
time required by the device to set the output voltages to the Pre-PWROK Metal VID. During
this phase, the device increases the reference of the enabled section(s) from zero up to the
programmed reference in closed loop regulation. Soft-start is implemented only when VCC
is above UVLO threshold and the EN pin is set free. See Section 5 for details about the SVI
interface and how SVC/SVD are interpreted in this phase.
At the end of the digital soft-start, PWRGOOD signal is set free.
Protections are active during this phase as follow:
–
Undervoltage is enabled when the reference voltage reaches 0.5 V.
–
Overvoltage is always enabled according to the programmed threshold (by ROVP).
–
FB disconnection is enabled.
Reference is increased with fixed dV/dt; Soft-start time depends on the programmed voltage
as follow:
Figure 12.
System start-up: SVI (left) and PVI (right)
7.8.1
LS-Less Start-up
In order to avoid any kind of negative undershoot on the load side during start-up, L6717
performs a special sequence in enabling the drivers for both sections: during the soft-start
phase, the LS MOSFET is kept OFF (PWMx set to HiZ and ENDRV = 0) until the first PWM
pulse. After the first PWM pulse, the PWMx outputs switches between logic “0” and logic “1”
and ENDRV are set to logic “1”.
This particular sequence avoids the dangerous negative spike on the output voltage that
can happen if starting over a pre-biased output especially when exiting from a CORE-OFF
state.
Low-side MOSFET turn-on is masked only from the control loop point of view: protections
are still allowed to turn-ON the low-side MOSFET in case of over voltage if needed.
T
SS ms
[]
Target_VID 2.56
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com