Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717TR Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 26Page - STMicroelectronics L6717TR Datasheet HTML 27Page - STMicroelectronics L6717TR Datasheet HTML 28Page - STMicroelectronics L6717TR Datasheet HTML 29Page - STMicroelectronics L6717TR Datasheet HTML 30Page - STMicroelectronics L6717TR Datasheet HTML 31Page - STMicroelectronics L6717TR Datasheet HTML 32Page - STMicroelectronics L6717TR Datasheet HTML 33Page - STMicroelectronics L6717TR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Power manager I2C
L6717
30/56
Doc ID 17326 Rev 1
See Table 12 and Table 13 for details about the codification of the command and the data
stream.
6.1.2
Overvoltage threshold adjustment (OV_SET)
This command allows to adjust the overvoltage threshold independently for CORE and NB
Sections. The default OVP threshold value of +250 mV over the reference is adjustable, in
200 mV steps up to +850 mV above the reference for CORE and +650 mV above the
reference for NB.
See Table 12 and Table 14 for details about the codification of the command and the data
stream.
Table 14.
OVP_SET command - threshold codification
6.1.3
Switching frequency adjustment (FSW_ADJ)
This command allows to adjust the switching frequency for the system in +/-10% steps
across the main level defined by the OSC pin. Switching frequency margining may benefit
the system from the thermal and performance point of view.
See Table 12 and Table 15 for details about the codification of the command and the data
stream.
Table 13.
OVRSPD command - offset codification (1) (2)
1.
Offset is added with an OTF VID transition above the programmed VID.
2.
Maximum regulated output voltage is internally limited to 2.8V maximum: regardless the offset over VID
reference the IC does not allow to reach an higher voltage.
Data
stream
[4:8]
Offset to
reference
[V]
Data
stream
[4:8]
Offset to
reference
[V]
Data
stream
[4:8]
Offset to
reference
[V]
Data
stream
[4:8]
Offset to
reference
[V]
00000
0.00
01000
0.40
10000
0.80
11000
1.20
00001
0.05
01001
0.45
10001
0.85
11001
1.25
00010
0.10
01010
0.50
10010
0.90
11010
1.30
00011
0.15
01011
0.55
10011
0.95
11011
1.35
00100
0.20
01100
0.60
10100
1.00
11100
1.40
00101
0.25
01101
0.65
10101
1.05
11101
1.45
00110
0.30
01110
0.70
10110
1.10
11110
1.50
00111
0.35
01111
0.75
10111
1.15
11111
1.55
Data stream [5:6] and [7:8]
OVP threshold [V]
00
+250mV (Default)
01
+450mV
10
+650mV
11
+850mV CORE / +650mV for NB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com