Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 35Page - STMicroelectronics L6717TR Datasheet HTML 36Page - STMicroelectronics L6717TR Datasheet HTML 37Page - STMicroelectronics L6717TR Datasheet HTML 38Page - STMicroelectronics L6717TR Datasheet HTML 39Page - STMicroelectronics L6717TR Datasheet HTML 40Page - STMicroelectronics L6717TR Datasheet HTML 41Page - STMicroelectronics L6717TR Datasheet HTML 42Page - STMicroelectronics L6717TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
L6717
Output voltage positioning
Doc ID 17326 Rev 1
39/56
until the new code has reached. The output voltage rate of change will be of 12.5 mV /
4
μsec. = 3.125 mV/μsec.
Figure 11.
PVI mode - on-the-fly VID transitions
●
SVI mode.
As soon as the controller receives a new valid command to set the VID level for one (or
both) of the two sections, the reference of the involved section steps up or down
according to the target-VID with a 3 mV/
μsec. slope (Typ). until the new VID code is
reached.
If a new valid command is issued during the transition, the device updates the target-
VID level and performs the on-the-fly transition up to the new code.
Pre-PWROK Metal-VID OTF-VID are not managed in this case because the Pre-
PWROK Metal VID are stored after EN is asserted.
●
V_FIX mode.
L6717 checks for SVC/SVD modifications and, once the new code is stable, it steps the
reference of both sections up or down according to the target-VID with a 3 mV/
μsec.
slope (Typ). until the new VID code is reached.
OV, UV and PWRGOOD are masked during the transition and re-activated with a 16 clock
cycle delay after the end of the transition to prevent from false triggering.
TOTFVID
x 4 Step VID Transition
t
t
t
VID [0:5]
Int. Reference
Vout
Tsw
4 x 1 Step VID Transition
TVID
t
OTFVID Clock
Vout Slope Controlled by internal
OTFVID-Clock Oscillator
Vout Slope Controlled by external
driving circuit (TVID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com