Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 24Page - STMicroelectronics L6717TR Datasheet HTML 25Page - STMicroelectronics L6717TR Datasheet HTML 26Page - STMicroelectronics L6717TR Datasheet HTML 27Page - STMicroelectronics L6717TR Datasheet HTML 28Page - STMicroelectronics L6717TR Datasheet HTML 29Page - STMicroelectronics L6717TR Datasheet HTML 30Page - STMicroelectronics L6717TR Datasheet HTML 31Page - STMicroelectronics L6717TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Power manager I2C
L6717
28/56
Doc ID 17326 Rev 1
Table 12.
Power manager I2C command phase and data stream
Command
code [4:6]
Data stream
[1:8]
Description
1CN
[1:2] xx
[3] SIGN
[4:8] OVRSPD
OVERSPEEDING: Adds a positive/negative offset to the regulation
according to the SIGN bit with 50mV LSB and 5bit resolution.
[3] SIGN: 1b for positive offset, 0b for negative offset.
Negative offset is applicable only to CORE section (NB does not react
to negative OS command)
[4:8] OVRSPD: 5bit code (4:MSB to 8:LSB), defines the offset to add
to the programmed reference (VID).
Maximum CORE output voltage reachable is limited to 2.8V.
Maximum NB output voltage reachable is limited by the Maximum NB
Offset: +600mV (over VID)
“CN” bits in command code address CORE section (“C” bit) or NB
section (“N” bit) if set to 1b. Asserting both C and N bits will apply the
command to both CORE and NB section.
See Table 13 for details about OVRSPD codification.
000
[1:4] xxxx
[5:6] OV_NB
[7:8] OV_CORE
OV_SET: Overvoltage threshold setup for CORE and/or NB sections.
Sets the OV threshold above the programmed VID (including
OVRSPD) in with three 200mV steps from + 250mV up to +850mV
(up to 650mV for NB).
[1:4]: ignored
[5:6] OV_NB: NorthBridge OVP. 2bit code, defines the OV threshold
for the NB section above the programmed reference (VID).
[7:8] OV_CORE: Core OVP. 2bit code, defines the OV threshold for
the CORE section above the programmed reference (VID).
Default OV threshold is +250mV above reference for both sections.
See Table 14 for details about OV_SET codification.
001
[1:5] xxxxx
[6:8] FSW
FSW_ADJ: Switching frequency adjustment. Modifies the switching
frequency programmed through OSC pin according to FSW code by
+/- 10% or +/-20%.
[1:5]: ignored
[6:8]: FSW: Switching frequency adjustment. 3 bits code to adjust the
switching frequency with respect programmed voltage.
See Table 15 for details about FSW_ADJ codification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com