Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 28Page - STMicroelectronics L6717TR Datasheet HTML 29Page - STMicroelectronics L6717TR Datasheet HTML 30Page - STMicroelectronics L6717TR Datasheet HTML 31Page - STMicroelectronics L6717TR Datasheet HTML 32Page - STMicroelectronics L6717TR Datasheet HTML 33Page - STMicroelectronics L6717TR Datasheet HTML 34Page - STMicroelectronics L6717TR Datasheet HTML 35Page - STMicroelectronics L6717TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Power manager I2C
L6717
32/56
Doc ID 17326 Rev 1
6.2
Dynamic phase management (DPM)
Dynamic phase management allows to adjust the number of working phases according to
the delivered current still maintaining the benefits of the multiphase regulation.
Phase number is reduced by monitoring the voltage level across ILIM pin: L6717 reduces
the number of working phase according to the strategy defined by the PSI_A flag when the
voltage across ILIM pin is lower than VDPM. When the load current increases the phase
number is restored to the original value as soon as the voltage across ILIM pin exceeds
VDPM.
VDPM is selected through the DPMTH command. See Section 6.1.
The current at which the transition happens (IDPM) can be estimated as:
VDPM thresholds are defined as a percentage of the voltage on ILIM pin corresponding to
the Thermal Design Current of the application.
1.8V on ILIM pin corresponds to 100% of the load and DPM threshold are defined as a
percentage of 1.8V (see Table 18 for details).
An hysteresis is provided for each threshold in order to avoid multiple DPM actions
triggering in steady load conditions.
DPM is disabled by default: Soft-start is performed with all the available phases.
Table 17.
Power management flags
Data stream bit
Flag
Description
[1:3]
n/a
Ignored.
[4:5]
DPMTH
DPM threshold. Allow to define 4 different values for VDPM.
See Section 6.2 for code/thresholds correspondence.
[6]
PSI_A
0b (default): IC working in single phase when PSI_L asserted.
1b:IC working in two phase when PSI_L asserted.
[7]
PSI_EN
0b: PSI_L flag in SVI ignored.
1b (default): PSI_L flag in SVI monitored and phase dropping
enabled according to PSI_A.
[8]
DPM_ON
0b (default): DPM disabled.
1b: DPM enabled.
Table 18.
VDPM thresholds
CODE
VDPM (ILIM rising)
VDPM (ILIM falling)
00 (default)
20%
15%
01
25%
20%
10
30%
25%
11
35%
30%
I
DPM
V
DPM
R
ILIM
---------------
R
G
DCR
-------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com