Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717TR Datasheet(PDF) 49 Page - STMicroelectronics

Part # L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 45Page - STMicroelectronics L6717TR Datasheet HTML 46Page - STMicroelectronics L6717TR Datasheet HTML 47Page - STMicroelectronics L6717TR Datasheet HTML 48Page - STMicroelectronics L6717TR Datasheet HTML 49Page - STMicroelectronics L6717TR Datasheet HTML 50Page - STMicroelectronics L6717TR Datasheet HTML 51Page - STMicroelectronics L6717TR Datasheet HTML 52Page - STMicroelectronics L6717TR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
L6717
System control loop compensation
Doc ID 17326 Rev 1
49/56
11
System control loop compensation
The device embeds two separate and independent control loops for CORE and NB section.
The control loop for NB section is a simple voltage-mode control loop with (optional) voltage
positioning featured when DROOP pin is shorted with FB. The control loop for the CORE
section also features a current-sharing loop to equalize the current carried by each of the
configured phases.
The CORE control system can be modeled with an equivalent single-phase converter
whose only difference is the equivalent inductor L/N (where each phase has an L inductor
and N is the number of the configured phases). See Figure 17.
Figure 17.
Equivalent control loop for NB and CORE sections
This means that the same analysis can be used for both the sections with the only exception
of the different equivalent inductor value (L=LNB for NB section and L=LCORE/N for the
CORE section) and the current reading gain (DCR/RG_NB for NB Section and DCR/RG for
the CORE section).
The control loop gain results (obtained opening the loop after the COMP pin):
Where:
●
RLL is the equivalent output resistance determined by the droop function;
●
ZP(s) is the impedance resulting by the parallel of the output capacitor (and its ESR)
and the applied load RO;
●
ZF(s) is the compensation network impedance;
●
ZL(s) is the equivalent inductor impedance;
●
A(s) is the error amplifier gain;
●
is the PWM transfer function.
The control loop gain for each section is designed in order to obtain a high DC gain to
minimize static error and to cross the 0dB axes with a constant -20 dB/Dec. slope with the
desired crossover frequency
ω
T. Neglecting the effect of ZF(s), the transfer function has one
zero and two poles; both the poles are fixed once the output filter is designed (LC filter
resonance
ω
LC) and the zero (ωESR) is fixed by ESR and the droop resistance.
Ref
NB_COMP
RF_NB CF_NB
RFB_NB
PWM
LNB
ESR_NB
CO_NB
d VNB_COMP
VOUT_NB
ZF(s)
ZFB(s)
VID_NB
Ref
COMP
RF
CF
RFB
PWM
LCORE/N
ESR
CO
d VCOMP
VOUT
ZF(s)
ZFB(s)
VID_CORE
FB
NB_FB
G
LOOP s
()
PWM Z
F s
() R
LL
Z
P s
()
+
()
⋅⋅
Z
P s
() Z
L s
()
+
[]
Z
F s
()
As
()
--------------
1
1
As
()
------------
+
⎝⎠
⎛⎞
R
FB
⋅
+
⋅
-------------------------------------------------------------------------------------------------------------------
–
=
PWM
3
5
---
V
IN
ΔV
OSC
-------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com