Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRIXP425BD Datasheet(PDF) 112 Page - Intel Corporation

Part # PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Datasheet(HTML) 112 Page - Intel Corporation

Back Button PRIXP425BD Datasheet HTML 104Page - Intel Corporation PRIXP425BD Datasheet HTML 105Page - Intel Corporation PRIXP425BD Datasheet HTML 106Page - Intel Corporation PRIXP425BD Datasheet HTML 107Page - Intel Corporation PRIXP425BD Datasheet HTML 108Page - Intel Corporation PRIXP425BD Datasheet HTML 109Page - Intel Corporation PRIXP425BD Datasheet HTML 110Page - Intel Corporation PRIXP425BD Datasheet HTML 111Page - Intel Corporation PRIXP425BD Datasheet HTML 112Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 112 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Electrical Specifications
112
Datasheet
5.7
ICC and Total Average Power
5.8
Ordering Information
For ordering information, please contact your local Intel sales representative.
Figure 38.
Power-up Sequence Timing
Table 66.
ICC and Total Average Power
Speed
Symbol
Description
Typ.1
Max..2Units
Notes
266 MHz
ICC
Core supply current
0.70
0.95
A
1,2,3
ICCP
I/O supply current
0.17
0.26
A
1,2,3
PTOTAL
Total average power
1.50
2.20
W
1,2,3
400 MHz
ICC
Core supply current
0.75
1.05
A
1,2,3,4
ICCP
I/O supply current
0.17
0.260
A
1,2,3
PTOTAL
Total average power
1.57
2.34
W
1,2,3
533 MHz
ICC
Core supply current
0.82
1.15
A
1,2,3
ICCP
I/O supply current
0.17
0.260
A
1,2,3
PTOTAL
Total average power
1.66
2.47
W
1,2,3
NOTES:
1. Typical current ICC and ICCP are not tested. Typical currents were measured on the Intel®
IXDP425 / IXCDP1100 Development Platform at room temperature using typical SKU silicon
samples. A SmartBits* tester was used in a router application running Linux on the
development board. Two Ethernet NPEs, and two Ethernet controller PCI cards were used in
this router application.
2. Typical case power supply voltages VCC =1.327V, VCCP = 3.363 V.
3. Maximum voltages: VCC = 1.365 V, VCCP = 3.465 V, VCCosc= 1.365 V, VCCPLL1= 1.365 V,
VCCPLL2= 1.365 V, maximum capacitive loading on all I/O pins of 50 pF. Maximum ICC and ICCP
specifications are tested and guaranteed.
4. The 400-MHz typical case core supply current is an approximation.
B2263-01
1
2
3
4
V
O
L
T
S
Time
V
CCP
V
CC
T
POWER_UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com