Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22210 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS22210
Description  WIRELESS PCI/USB CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22210 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS22210 Datasheet HTML 6Page - Cirrus Logic CS22210 Datasheet HTML 7Page - Cirrus Logic CS22210 Datasheet HTML 8Page - Cirrus Logic CS22210 Datasheet HTML 9Page - Cirrus Logic CS22210 Datasheet HTML 10Page - Cirrus Logic CS22210 Datasheet HTML 11Page - Cirrus Logic CS22210 Datasheet HTML 12Page - Cirrus Logic CS22210 Datasheet HTML 13Page - Cirrus Logic CS22210 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
CS22210 PCI/USB Wireless Controller
10 of 31
D556PP2
Rev. 3.0
www.cirrus.com
nSMWE
Output
Write enable is used in combination with nSMRAS, nSMCAS, and
nSMWE to specify whether the current cycle is a read or a write cycle.
Also used during reset to latch in the strap value for tst_bypass; if set to a
'1' implies PLL bypass.
Also shared as the ROMWE to do flash
programming.
SMDQM[1:0]
Output
Data mask bit 1:0. These signals function as byte enable lines masking
unwanted bytes on memory writes.
Also used as testmode(1:0) when
NTEST pin is '0'.
SMCKE
Output
Clock enable. SMCKE is used to enable and disable clocking of internal
RAM logic.
SMA0
Output
Address bit0. The address bus specifies either the row address or column
address. Also shared as boot-rom address bit0. This pin should be pull-
down.
SMA1
Output
Address bit1. Also shared as boot-rom address bit1. Also used during
reset to latch in the strap value for pcisel; if set to a '1' implies pci mode.
SMA2
Output
Address bit2. Also shared as boot-rom address bit2. Also used during
reset to latch in the strap value for usbsel; if set to a '1' implies usb mode.
SMA3
Output
Address bit3. Also shared as boot-rom address bit3. This pin should be
pull-down.
SMA4
Output
Address bit4. Also shared as boot-rom address bit4.
Also used during
reset to latch in the strap value for romcfg; if set to a '1' implies pci
configuration data should be downloaded from ROM.
SMA5
Output
Address bit5. Also shared as boot-rom address bit5. Also used during
reset to latch in the strap value for test_rst_enb; if set to a '0' implies
normal operation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com