Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22210 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS22210
Description  WIRELESS PCI/USB CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22210 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS22210 Datasheet HTML 23Page - Cirrus Logic CS22210 Datasheet HTML 24Page - Cirrus Logic CS22210 Datasheet HTML 25Page - Cirrus Logic CS22210 Datasheet HTML 26Page - Cirrus Logic CS22210 Datasheet HTML 27Page - Cirrus Logic CS22210 Datasheet HTML 28Page - Cirrus Logic CS22210 Datasheet HTML 29Page - Cirrus Logic CS22210 Datasheet HTML 30Page - Cirrus Logic CS22210 Datasheet HTML 31Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
CS22210 PCI/USB Wireless Controller
29 of 31
D556PP2
Rev. 3.0
www.cirrus.com
Table 11. Radio MAC AC Timings – Intersil Modes
Parameter
Parameter Description
Min
Max
Units
tdBBAS
BBAS output delay from falling BBSCLK
8.2
ns
tdBBRNW
BBRNW output delay from falling BBSCLK
8.0
ns
tdnBBCS
nBBCS output delay from falling BBSCLK
59.0
ns
tdBBSDX
BBSDX output delay from falling BBSCLK
7.0
ns
TsuBBSDX
BBSDX setup to rising edge of BBSCLK
14.8
ns
ThBBSDX
BBSDX hold from rising edge of BBSCLK
0.0
ns
tdTXD
TXD output delay from rising TXCLK (SMAC
Mode)
33.5
ns
tdTXD
TXD output delay from rising TXCLK (RMAC
Mode)
15.4
ns
TsuRXD
RXD setuptorising edgeofRXCLK
1.0
ns
ThRXD
RXD hold from rising edge of RXCLK
1.8
ns
TsuMDRDY
MDRDY setup to falling edge of RXCLK
2
ns
ThMDRDY
MDRDY hold from falling edge of RXCLK
1
ns
tdTXPEBB
TXPEBB output delay from rising TXCLK
15.0
ns
tdRXPEBB
RXPEBB output delay from rising RXCLK
16.0
ns
TsuTXRDY
TXRDY setup to falling edge of TXCLK
6.5
ns
ThTXRDY
TXRDY hold from falling edge of TXCLK
0
ns
TdutyRXCLK
2
RXCLK period
See Note
ns
TdutyTXCLK
2
TXCLK period
See Note
ns
Notes:
1.
CCA signal is double synchronized to ARMCLKIN.
2.
ARMCLK must be at least 4 times the TXCLK and RXCLK frequency.
3.
Harris baseband (3824/3824A) generates RXCLK and TXCLK of 4 Mhz. the duty cycle varies between 33-40%
with a high time of 90.9ns and low time that alternates between 136 and 182ns. The clock period varies between
227 and 272 ns, giving an effective period of 250ns.
4.
TXD delay in 802.11b mode is the result of sampling the TXCLK with the ctlclk, therefore the maximum delay
is equal to two ctlclk periods plus the flop-to-output delay. In this table, ctlclk is assumed to have a 13 ns period.
5.
BBNCS output delay = [(1/ARMCLK freq)*ceiling(SER_CLK_DIV/2)] + 7ns, the specified value is based on
ARMCLK of 77 Mhz and SER_CLK_DIV=8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com