Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22210 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS22210
Description  WIRELESS PCI/USB CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22210 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS22210 Datasheet HTML 11Page - Cirrus Logic CS22210 Datasheet HTML 12Page - Cirrus Logic CS22210 Datasheet HTML 13Page - Cirrus Logic CS22210 Datasheet HTML 14Page - Cirrus Logic CS22210 Datasheet HTML 15Page - Cirrus Logic CS22210 Datasheet HTML 16Page - Cirrus Logic CS22210 Datasheet HTML 17Page - Cirrus Logic CS22210 Datasheet HTML 18Page - Cirrus Logic CS22210 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
CS22210 PCI/USB Wireless Controller
15 of 31
D556PP2
Rev. 3.0
www.cirrus.com
PLL and Clock Interface
There are three clock pins and five PLL power pins. Total of 8 signals in this interface.
XTAL_CLKIN
Input
44 MHz reference clock input/crystal clock input for PCI and 48 MHz for
USB.
XTALOUT
Output
Reference crystal clock output.
XTRACLK
Input
Second clock input to clock module. This input allows independent control
for mem_clk and ctl_clk. The usage of this clock input is determined by the
clk module configuration, which is determined by the three strapping input
pin values.
PLLAGND
Input
Analog PLL ground.
PLLAVCC
Input
Analog PLL power. 3.3V input.
PLLDGND
Input
Digital PLL ground.
PLLDVCC
Input
Digital PLL power. 1.8V input.
PLLPLUS
Input
Analog PLL ground.
PCI Interface
The PCI interface is a standard 2.2 compliant interface. There are a total of 51 signals.
AD[31:0]
Bi-directional
PCI address/data. This bus contains a physical address during the first
clock of a PCI transfer and data during subsequent clocks. The signals
are inputs during the address and write data phases of a transaction, or
outputs during the read data phase of a transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com