Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22210 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS22210
Description  WIRELESS PCI/USB CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22210 Datasheet(HTML) 4 Page - Cirrus Logic

  CS22210 Datasheet HTML 1Page - Cirrus Logic CS22210 Datasheet HTML 2Page - Cirrus Logic CS22210 Datasheet HTML 3Page - Cirrus Logic CS22210 Datasheet HTML 4Page - Cirrus Logic CS22210 Datasheet HTML 5Page - Cirrus Logic CS22210 Datasheet HTML 6Page - Cirrus Logic CS22210 Datasheet HTML 7Page - Cirrus Logic CS22210 Datasheet HTML 8Page - Cirrus Logic CS22210 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
CS22210 PCI/USB Wireless Controller
4 of 31
D556PP2
Rev. 3.0
www.cirrus.com
3
Functional Description
Figure 2. Block Diagram of Major Functional Units
Radio
Interface
FEC
CODEC
Comm
Buffer
PCI
Interface
USB
Interface
DMA
CTRL
USB or PCI
Host Interface
Misc.
Config.
Clock/PLL
Crystal
or
Oscillator
Memory/Boot ROM
Controller
Arbiter
Dual Radio
MAC
W/ DMA Ctrl
DMA
DMA
48MHz / 44 MHz
12MHz
or
33 MHz
ARM 7TDMI
4KB
Cache
Timer
(2)
Interrupt
controller
Read/Write Buffer
77MHz System Control Bus
Sleep
Timer
JTAG/Test Interface
44MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com