Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22210 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS22210
Description  WIRELESS PCI/USB CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22210 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS22210 Datasheet HTML 21Page - Cirrus Logic CS22210 Datasheet HTML 22Page - Cirrus Logic CS22210 Datasheet HTML 23Page - Cirrus Logic CS22210 Datasheet HTML 24Page - Cirrus Logic CS22210 Datasheet HTML 25Page - Cirrus Logic CS22210 Datasheet HTML 26Page - Cirrus Logic CS22210 Datasheet HTML 27Page - Cirrus Logic CS22210 Datasheet HTML 28Page - Cirrus Logic CS22210 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
CS22210 PCI/USB Wireless Controller
25 of 31
D556PP2
Rev. 3.0
www.cirrus.com
Table 6. DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIL
Voltage Input Low (PCI)
-0.5
0.8
V
VIL
Voltage Input Low (non-PCI)
-0.33
0.3 * VDD
V
VIH
Voltage Input High (PCI)
2.0
Vcc + 0.5
V
VIH
Voltage Input High (non-PCI)
0.7 * VDD
VDD +0.33
V
VOL
Voltage Output Low (PCI)
IOL = 1500
µA
0.55
V
VOL
Voltage Output Low (non-PCI)
IOL = 800
µA
0VSS +0.1
V
VOH
Voltage Output High (PCI)
IOH =-500
µA
0.24
V
VOH
Voltage Output High (non-PCI)
IOH = 800
µA
Vdd -0.1
Vdd
V
IIL
Input Leakage Current
VIN =VSS or VDD
-10
10
µA
IOZ
3-State Output Leakage Current
VOH =VSS or VDD
-10
10
µA
ICC &IDD
IEE
Dynamic Supply Current
Note 1
VCC & DD = 5V & 3.3V
VDD =1.8V
35
135
ma
5.1
AC Characteristics and Timing
Table 7. System Memory Interface Timing
Parameter
Parameter Description
Min
Max
Units
tdSMD
SMCLK to SMD[31:0] output delay
7
ns
tdSMA
SMCLK to SMA[11:0] output delay
4.7
ns
tdSMDQM
SMCLK to SMDQM[3:0] output delay
5.1
ns
tdSMNCS
SMCLK to SMNCS[1:0] output delay
4.1
ns
tdSMNWE
SMCLK to SMNWE output delay
4.5
ns
tdSMCKE
SMCLK to SMCKE output delay
4.3
ns
tdSMNCAS
SMCLK to SMNCAS output delay
4.0
ns
tdSMNRAS
SMCLK to SMNRAS output delay
5.0
ns
TperSMCLK
SMCLK period
72
103
ns
TsuSMD
SMD[31:0] setup to SMCLK
1.0
ns
ThSMD
SMD[31:0] hold from SMCLK
2.4
ns
Notes:
1.
Outputs are loaded with 35pf on SMD, 25pf on SMA, SMDQM, SMNRAS, and SMNCAS and 20pf on SMCLK,
SMNCS, and SMCKE.
2.
An attempt has been made to balance the setup time needed by the SDRAM and the setup needed by CS22210 to
read data. If there is a problem meeting setup on the SDRAM, there is a programmable delay line on SMCLK which
can help meet the setup time. Care must be taken, however, not to violate the setup on the return read data. The
delay can be increased by a multiple of 0.25ns by using the SMA[11:09] pins to selectively set the clock delay .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com