Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22210 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS22210
Description  WIRELESS PCI/USB CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22210 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS22210 Datasheet HTML 13Page - Cirrus Logic CS22210 Datasheet HTML 14Page - Cirrus Logic CS22210 Datasheet HTML 15Page - Cirrus Logic CS22210 Datasheet HTML 16Page - Cirrus Logic CS22210 Datasheet HTML 17Page - Cirrus Logic CS22210 Datasheet HTML 18Page - Cirrus Logic CS22210 Datasheet HTML 19Page - Cirrus Logic CS22210 Datasheet HTML 20Page - Cirrus Logic CS22210 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
CS22210 PCI/USB Wireless Controller
17 of 31
D556PP2
Rev. 3.0
www.cirrus.com
nSERR
Output/Open Drain
PCI system error. This open drain signal is used to indicate a fatal parity
error on PCI address.
nREQ
Input
PCI master request. Used by the PCI master to indicate it needs to drive
the PCI bus.
nGNT
Bi-directional
PCI master grant. Used by the PCI master to indicate OK to drive the PCI
bus.
PAR
Bi-directional
PCI parity. This signal is asserted one clock after data transfer has
occurred on the PCI bus.
PME
Output/Open Drain
Power management event. Use to let the system knows a change in
power management event has occurred.
System Reset
nRST
Input
System reset and PCI reset. Reset is an asynchronous signal that forces
thechiptogo to a knownstate.This is anactivelow signal.
USB Interface
USBVP
Bi-directional
Differential USB data plus. For high-speed mode, this signal is pull up to 5
volt during IDLE state (see USB_ENUM).
.
USBVM
Bi-directional
Differential USB data minus.
USB_ENUM
Output
USB enumeration. Indicates a disconnect/connect event. USB_ENUM is
used to pull the D+ line high, indicating to the host or hub a USB bus “full
rate” connection is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com