Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22210 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS22210
Description  WIRELESS PCI/USB CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22210 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS22210 Datasheet HTML 14Page - Cirrus Logic CS22210 Datasheet HTML 15Page - Cirrus Logic CS22210 Datasheet HTML 16Page - Cirrus Logic CS22210 Datasheet HTML 17Page - Cirrus Logic CS22210 Datasheet HTML 18Page - Cirrus Logic CS22210 Datasheet HTML 19Page - Cirrus Logic CS22210 Datasheet HTML 20Page - Cirrus Logic CS22210 Datasheet HTML 21Page - Cirrus Logic CS22210 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
CS22210 PCI/USB Wireless Controller
18 of 31
D556PP2
Rev. 3.0
www.cirrus.com
Debug Interface
TDO
Output
Test data output.
TDI
Input
Test data input. The input has an integral pull up.
TCK
Input
Test clock signal.
TMS
Input
Test mode select. The input has an integral pull up.
nTRST
Input
Test interface reset. The input has an integral pull up.
Miscellaneous Interface
SPIO 8,9,12,13,16
Bi-directional
Special purpose I/O reserved for supporting custom interfaces.
* Check with Cirrus Logic support for supported options and usage.
nTEST
Input
Chip test mode pin. Used in conjunction with SMNCS0, SMDQM[0:1]. Pull
up for normal operation.
Power and Ground
VCC (5V and 3.3V)
1
Input
5V inputs. There are a total of 3 pins.
VDD (3.3V)
Input
3.3V inputs. There are a total of 26 pins.
VEE (1.8V)
Input
1.8 inputs to the core. There are a total of 9 pins.
VSS
Input
Ground. There are a total of 33 pins.
1 5V or 3.3V depending on desired PCI configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com