Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22210 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS22210
Description  WIRELESS PCI/USB CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22210 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS22210 Datasheet HTML 10Page - Cirrus Logic CS22210 Datasheet HTML 11Page - Cirrus Logic CS22210 Datasheet HTML 12Page - Cirrus Logic CS22210 Datasheet HTML 13Page - Cirrus Logic CS22210 Datasheet HTML 14Page - Cirrus Logic CS22210 Datasheet HTML 15Page - Cirrus Logic CS22210 Datasheet HTML 16Page - Cirrus Logic CS22210 Datasheet HTML 17Page - Cirrus Logic CS22210 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
CS22210 PCI/USB Wireless Controller
14 of 31
D556PP2
Rev. 3.0
www.cirrus.com
NRPD
Output
Radio power down enable is an active low signal used for power
management purposes for the radio circuitry.
RXCLK
Input
This is an input from baseband processor. It is used to clock in received
data from baseband processor.
MDRDY
Input
Receive data ready is an input signal from the baseband processor,
indicating a data packet is ready to be transferred to the MAC. The signal
returns to inactive state when there is no more receiver data or when the
link has been interrupted. This signal is sampled on the falling edge of
RXCLK (in 3824 mode), and sampled at rising edge of RXCLK (in 3860B
mode).
RXD
Input
Receive data is an input from the baseband processor transferring
demodulated header information and data in a serial format. The data is
frame aligned with MD_RDY. This signal is sampled on the falling edge of
RXCLK (in 3824 mode), and sampled at rising edge of RXCLK (in 3860B
mode).
DACAVCC
Input
Analog power for DAC. 3.3V input.
DACAGND
Input
Analog ground for DAC.
RLQ
Output
Radio link quality based on packet error rate.
Active low implies the
packet was received without errors. Note: Lost packets are not detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com