Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22210 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS22210
Description  WIRELESS PCI/USB CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22210 Datasheet(HTML) 1 Page - Cirrus Logic

  CS22210 Datasheet HTML 1Page - Cirrus Logic CS22210 Datasheet HTML 2Page - Cirrus Logic CS22210 Datasheet HTML 3Page - Cirrus Logic CS22210 Datasheet HTML 4Page - Cirrus Logic CS22210 Datasheet HTML 5Page - Cirrus Logic CS22210 Datasheet HTML 6Page - Cirrus Logic CS22210 Datasheet HTML 7Page - Cirrus Logic CS22210 Datasheet HTML 8Page - Cirrus Logic CS22210 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
CS22210 PCI/USB Wireless Controller
1 of 31
D556PP2
Rev. 3.0
www.cirrus.com
1
Description
The Cirrus Logic CS22210 Wireless Network Controller enables high speed, 11 Mbps digital wireless
data connectivity for wireless data connectivity for PCI, mobile, embedded systems and other cost
sensitive applications.
The CS22210 is a highly integrated single-chip PCI / USB solution for wireless networks supporting video,
audio, voice, and data traffic. The programmable controller executes Cirrus Logic’s Whitecap™2
networking protocol that provides Wi-Fi™ (802.11b) compliance as well as multimedia and quality of
service (QoS) support.
The device includes several high performance components including an
ARM7TDMI RISC processor core, a Forward Error Correction (FEC) codec and a wireless Radio MAC
supporting up to11 Mbps throughput. The CS22210 is designed to support both a standard PCI 2.1 or
PCI 2.2 compliant interface or USB 1.1 compliant device interface making it an ideal choice for cost
effective standalone and embedded high-speed wireless networking products.
The CS22210 utilizes state-of-the-art 0.18um CMOS process and is housed in a 208 MQFP package
designed to provide integrated low cost IEEE 802.11 standard compliant system solutions. The core is
powered at 1.8 V to reduce overall power consumption. In addition, the CS22210 supports various power
management modes for host, MAC, baseband, and radio interfaces.
Figure 1. Example System Block Diagram
CS22210 Data Sheet
Wireless PCI/USB Controller
2.4 GHz Direct Sequence
Spread Spectrum
11 Mbps
Wireless
Baseband I/F
CS22210
Wireless
Network
Controller
802.11b compatible
2.4 GHz
Digital Radio
PHY Transceiver
System Memory
SDRAM (Up to 4MB)
SRAM (Up to 256KB)
PCIorUSB Host
Boot ROM/Flash
(Upto1MB)
Networking Data


Similar Part No. - CS22210

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS22220 CIRRUS-CS22220 Datasheet
282Kb / 34P
WIRELESS PCI/USB CONTROLLER
Rev. 3.0
CS22230 CIRRUS-CS22230 Datasheet
253Kb / 29P
WIRELESS PCI/USB CONTROLLER
Rev. 1.0
CS22250 CIRRUS-CS22250 Datasheet
253Kb / 32P
WIRELESS 10BT CONTROLLER
Rev. 3.0
More results

Similar Description - CS22210

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS22220 CIRRUS-CS22220 Datasheet
282Kb / 34P
WIRELESS PCI/USB CONTROLLER
Rev. 3.0
CS22230 CIRRUS-CS22230 Datasheet
253Kb / 29P
WIRELESS PCI/USB CONTROLLER
Rev. 1.0
logo
List of Unclassifed Man...
VT83C572 ETC-VT83C572 Datasheet
53Kb / 9P
PCI TO USB CONTROLLER
logo
Intersil Corporation
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
PCMCIA/USB Wireless LAN Medium Access Controller
April 2001
HFA3842B INTERSIL-HFA3842B Datasheet
519Kb / 26P
PCMCIA/USB Wireless LAN Medium Access Controller
June 2001
logo
NXP Semiconductors
ISP1562 NXP-ISP1562 Datasheet
452Kb / 94P
Hi-Speed USB PCI host controller
Rev. 03-14 November 2008
ISP1563 NXP-ISP1563 Datasheet
486Kb / 103P
Hi-Speed USB PCI host controller
Rev. 03-18 November 2008
ISP1564 NXP-ISP1564 Datasheet
492Kb / 99P
Hi-Speed USB PCI host controller
Rev. 02-13 November 2008
logo
PLX Technology
USB3380 PLX-USB3380 Datasheet
117Kb / 2P
PCI Express to USB 3.0 Peripheral Controller
logo
VIA Technologies, Inc.
VT6212 VIA-VT6212 Datasheet
452Kb / 26P
PCI USB 2.0 Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com