Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22210 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS22210
Description  WIRELESS PCI/USB CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22210 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS22210 Datasheet HTML 23Page - Cirrus Logic CS22210 Datasheet HTML 24Page - Cirrus Logic CS22210 Datasheet HTML 25Page - Cirrus Logic CS22210 Datasheet HTML 26Page - Cirrus Logic CS22210 Datasheet HTML 27Page - Cirrus Logic CS22210 Datasheet HTML 28Page - Cirrus Logic CS22210 Datasheet HTML 29Page - Cirrus Logic CS22210 Datasheet HTML 30Page - Cirrus Logic CS22210 Datasheet HTML 31Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
CS22210 PCI/USB Wireless Controller
28 of 31
D556PP2
Rev. 3.0
www.cirrus.com
Table 9. PCI Interface Timings
Parameter
Parameter Description
Min
Max
Units
tdAD
PCLK to ADX[31:0] output delay
10.93
ns
tdNCBE
PCLK to NCBEX[3:0] output delay
10.93
ns
tdNFRAMEX
PCLK to NFRAMEX output delay
10.93
ns
tdNDEVSELX
PCLK to NDEVSELX output delay
10.92
ns
tdNIRDYX
PCLK to NIRDYX output delay
10.92
ns
tdNTRDYX
PCLK to NTRDYX output delay
10.92
ns
tdNSTOPX
PCLK to NSTOPX output delay
10.92
ns
tdPARX
PCLK to NPARX output delay
10.92
ns
tdNPERRX
PCLK to NPERRX output delay
10.93
ns
tdNSERR
PCLK to NSERR output delay
10.93
ns
TsuALL
All inputs setup to PCLK
5
ns
ThALL
All inputs hold from PCLK
1.1
ns
Notes:
All outputs are loaded with 50pf.
Table 10. USB Interface Timings
Parameter
Description
Min
Max
Units
USBVPX
Differential data positive
4
20
ns
USBVPM
Differential data negative
4
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com