Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22210 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS22210
Description  WIRELESS PCI/USB CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22210 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS22210 Datasheet HTML 12Page - Cirrus Logic CS22210 Datasheet HTML 13Page - Cirrus Logic CS22210 Datasheet HTML 14Page - Cirrus Logic CS22210 Datasheet HTML 15Page - Cirrus Logic CS22210 Datasheet HTML 16Page - Cirrus Logic CS22210 Datasheet HTML 17Page - Cirrus Logic CS22210 Datasheet HTML 18Page - Cirrus Logic CS22210 Datasheet HTML 19Page - Cirrus Logic CS22210 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
CS22210 PCI/USB Wireless Controller
16 of 31
D556PP2
Rev. 3.0
www.cirrus.com
nCBE[3:0]
Bi-directional
Control/byte enable. This bus defines the bus command during the first
clock of a PCI transaction and the data byte enables during subsequent
clocks.
IDSEL
I/O OD
PCI initialization device select. Used as a chip select during configuration
read and write cycles.
nFRAME
Bi-directional
PCI cycle frame.
This signal marks the beginning and duration of a
current bus cycle.
NIRDY
Bi-directional
PCI initiator ready. IRDY holds off the beginning of a write cycle and the
completion of a read cycle until sampled active.
nTRDY
Bi-directional
PCI target ready. This signal is driven active to indicate that write data
has been sampled or that read data has been delivered.
nDEVSEL
Bi-directional
PCI device select. As a medium speed device, this signal is driven active
two PCI clocks after NFRAME is sampled active, indicating a positive
decode. It remains active until the end of the transaction.
nSTOP
Bi-directional
PCI stop. This signal indicates a target initiated termination of the current
cycle.
nINTA
Output/Open Drain
PCI interrupt request A. Generates an interrupt on the PCI bus.
PCLK
I/O OD
PCI clock. Typically a 33 MHz. All CS22210 PCI activity is synchronous to
PCLK.
nPERR
Bi-directional
PCI parity error. This signal is asserted two clocks after a data parity error
is detected on the PCI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com