Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22210 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS22210
Description  WIRELESS PCI/USB CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22210 Datasheet(HTML) 2 Page - Cirrus Logic

  CS22210 Datasheet HTML 1Page - Cirrus Logic CS22210 Datasheet HTML 2Page - Cirrus Logic CS22210 Datasheet HTML 3Page - Cirrus Logic CS22210 Datasheet HTML 4Page - Cirrus Logic CS22210 Datasheet HTML 5Page - Cirrus Logic CS22210 Datasheet HTML 6Page - Cirrus Logic CS22210 Datasheet HTML 7Page - Cirrus Logic CS22210 Datasheet HTML 8Page - Cirrus Logic CS22210 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
CS22210 PCI/USB Wireless Controller
2 of 31
D556PP2
Rev. 3.0
www.cirrus.com
2
Features
Embedded ARM Core and System Support Logic
High performance ARM7TDMI RISC processor core at 77MHz
4KB integrated, one-way set associative, unified, write through cache
Individual interrupt for each functional block
Two 23-bit programmable (periodic or one-shot) general purpose timers
8 Dword (32-bits) memory write and read buffers for high system performance
Abort cycle detection and reporting for debugging
ARM performance monitoring function for system fine-tuning
Programmable performance improvement logic based on system configuration
Flexible independent DMA engines for PCI, USB and digital radio functional units
Enhanced Memory Controller Unit
Programmable memory controller unit supporting SDRAM /async SRAM/boot ROM interface
16-bit data bus with 12-bit address supporting up to 4MB at up to 103MHz SDRAM
8-bit data bus with addressing support up to 1MB of boot ROM/Flash
Programmable SDRAM timing and size parameters such as CAS latencies and number of banks
columns and rows
FEC codec
High performance Reed-Solomon coding for error correction (255:239 block coding)
Reduces symbol error probability of a typical 10e-3 error rate environment to 10e-9
Programmable rate FEC engine to optimize channel efficiency
Low latency, fully pipelined hardware encoding and decoding. Support byte wise single cycle throughput
up to 77MHz, with a sustain rate of 77MBps.
Double buffering (64 Dword read/write buffer) to enhance system performance
On the fly configuration of encoder and decoder
Digital Wireless Radio MAC
Standard interface to 802.11b radio baseband transceiver
11Mbps data rate
32 Dword transmit/receive FIFO
Supports clear channel assessment (CCA)
Power Management
Host (PCI or USB) ACPI compliant
Remote USB host wakeup
Supports variable rate radio transmit, receive and standby radio power modes through two DACs
Clock and PLL Interface
Single 44MHz crystal oscillator reference clock for PCI version; 48MHz reference clock required in USB
option
Internal PLL to generate internal and on board clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com