Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1547JBD48 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 29Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 30Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 31Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 32Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 33Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 34Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 35Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 36Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
33 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
8.21 C_CAN
Controller Area Network (CAN) is the definition of a high performance communication
protocol for serial data communication. The C_CAN controller is designed to provide a full
implementation of the CAN protocol according to the CAN Specification Version 2.0B. The
C_CAN controller can build powerful local networks with low-cost multiplex wiring by
supporting distributed real-time control with a high level of reliability.
The C_CAN functions are movable functions and are assigned to pins through the switch
matrix. Do not connect C_CAN functions to the open-drain pins PIO0_22 and PIO0_23.
8.21.1 Features
• Conforms to protocol version 2.0 parts A and B.
• Supports bit rate of up to 1 Mbit/s.
• Supports 32 Message Objects.
• Each Message Object has its own identifier mask.
• Provides programmable FIFO mode (concatenation of Message Objects).
• Provides maskable interrupts.
• Supports Disabled Automatic Retransmission (DAR) mode for time-triggered CAN
applications.
• Provides programmable loop-back mode for self-test operation.
8.22 PWM/timer/motor control subsystem
The SCTimer/PWMs (State Configurable Timer/Pulse Width Modulators) and the analog
peripherals support multiple ways of interconnecting their inputs and outputs and of
interfacing to the pins and the DMA controller. Using the highly flexible and programmable
connection scheme makes it easy to configure various subsystems for motor control and
complex timing and tracking applications. Specifically, the inputs to the SCTs and the
trigger inputs of the ADCs and DMA are selected through the input mux which offers a
choice of many possible sources for each input or trigger. SCT outputs are assigned to
pins through the switch matrix allowing for many pinout solutions.
8.22.1 SCtimer/PWM subsystem
The SCTimer/PWMs can be configured to build a PWM controller with multiple outputs by
programming the MATCH and MATCHRELOAD registers to control the base frequency
and the duty cycle of each SCTimer/PWM output. More complex waveforms that span
multiple counter cycles or change behavior across or within counter cycles can be
generated using the state capability built into the SCTimer/PWMs.
Combining the PWM functions with the analog functions, the PWM output can react to
control signals like comparator outputs or the ADC interrupts. The SCT IPU adds
emergency shut-down functions and pre-processing of controlling events. For an overview
of the PWM subsystem, see Figure 12 “PWM-Analog subsystem”.
For high-speed PWM functionality, use only outputs that are fixed-pin functions to
minimize pin-to-pin differences in output skew. See also Table 22 “SCT output dynamic
characteristics”. This reduces the number of PWM outputs to five for each large SCT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com