Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1547JBD48 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 75Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 76Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 77Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 78Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 79Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 80Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 81Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 82Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
79 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
Table 25.
DAC static and dynamic characteristics
VDDA = 2.4 V to 3.6 V; Tamb = 40 C to +105 C unless otherwise specified; CL = 100 pF;
RL =10 k..
Symbol
Parameter
Conditions
Min
Typ
[1]
Max
Unit
fc(DAC)
DAC conversion
frequency
-
-
500
kSamples/s
RO
output resistance
-
300
ts
settling time
-
-
2.5
s
ED
differential
linearity error
--
+/-0.4
LSB
EL(adj)
integral
non-linearity
--
+/-3
LSB
EO
offset error
VDDA = 3.3 V
-
-
+/-9
LSB
VDDA = 2.4 V
-
-
+/-8
LSB
EG
gain error
-
-
+/- 0.1
%
VO
output voltage
Output voltage range
with less than 1 LSB
deviation; with
minimum RL
connected to ground
or power supply
--
VDDA - 0.3
V
Fig 41. DAC test circuit
DAC
10 kΩ
DVM
LPCxxxx
RL
aaa-011964



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com