Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1547JBD48 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 43Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 44Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 45Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 46Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 47Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 48Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 49Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 50Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
47 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
8.38 Clock output
The LPC15xx feature a clock output function that routes the internal oscillator outputs, the
PLL outputs, or the main clock an output pin where they can be observed directly.
8.39 Wake-up process
The LPC15xx begin operation by using the 12 MHz IRC oscillator as the clock source at
power-up and when awakened from Deep power-down mode. This mechanism allows
chip operation to resume quickly. If the application uses the system oscillator or the PLL,
software must enable these components and wait for them to stabilize. Only then can the
system use the PLL and system oscillator as a clock source.
8.40 Power control
The LPC15xx support various power control features. There are four special modes of
processor power reduction: Sleep mode, Deep-sleep mode, Power-down mode, and
Deep power-down mode. The CPU clock rate can also be controlled as needed by
changing clock sources, reconfiguring PLL values, and/or altering the CPU clock divider
value. This power control mechanism allows a trade-off of power versus processing speed
based on application requirements. In addition, a register is provided for shutting down the
clocks to individual on-chip peripherals. This register allows fine-tuning of power
consumption by eliminating all dynamic power use in any peripherals that are not required
for the application. Selected peripherals have their own clock divider which provides
additional power control.
8.40.1 Power profiles
The power consumption in Active and Sleep modes can be optimized for the application
through simple calls to the power profile. The power configuration routine configures the
LPC15xx for one of the following power modes:
• Default mode corresponding to power configuration after reset.
• CPU performance mode corresponding to optimized processing capability.
• Efficiency mode corresponding to optimized balance of current consumption and CPU
performance.
• Low-current mode corresponding to lowest power consumption.
In addition, the power profile includes routines to select the optimal PLL settings for a
given system clock and PLL input clock and to easily set the configuration options for
Deep-sleep and power-down modes.
Remark: When using the USB, configure the LPC15xx in Default mode.
8.40.2 Sleep mode
When Sleep mode is entered, the clock to the core is stopped. Resumption from the Sleep
mode does not need any special sequence but re-enabling the clock to the ARM core.
In Sleep mode, execution of instructions is suspended until either a reset or interrupt
occurs. Peripheral functions continue operation during Sleep mode and can generate
interrupts to cause the processor to resume execution. Sleep mode eliminates dynamic
power used by the processor itself, by memory systems and related controllers, and by
internal buses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com