Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1547JBD48 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 60Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 61Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 62Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 63Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 64Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 65Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 66Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 67Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
64 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
11.3 Peripheral power consumption
The supply current per peripheral is measured as the difference in supply current between
the peripheral block enabled and the peripheral block disabled in the SYSAHBCLKCFG
and PDRUNCFG (for analog blocks) registers. All other blocks are disabled in both
registers and no code accessing the peripheral is executed. Measured on a typical
sample at Tamb =25 C. Unless noted otherwise, the system oscillator and PLL are
running in both measurements.
The supply currents are shown for system clock frequencies of 12 MHz and 72 MHz.
Table 12.
Power consumption for individual analog and digital blocks
Peripheral
Typical supply current in mA
Notes
n/a
12 MHz
72 MHz
IRC
0.008
-
-
System oscillator running; PLL off; independent
of main clock frequency.
System oscillator at 12 MHz
0.220
-
-
IRC running; PLL off; independent of main clock
frequency.
Watchdog oscillator
0.002
-
-
System oscillator running; PLL off; independent
of main clock frequency.
BOD
0.045
-
-
Independent of main clock frequency.
Main PLL
-
0.085
-
-
USB PLL
0.100
SCT PLL
0.110
CLKOUT
-
0.005
0.01
Main clock divided by 4 in the CLKOUTDIV
register.
ROM
-
0.015
0.02
-
GPIO + pin interrupt/pattern
match
-
0.55
0.60
GPIO pins configured as outputs and set to
LOW. Direction and pin state are maintained if
the GPIO is disabled in the SYSAHBCLKCFG
register.
SWM
-
0.04
0.29
-
INPUT MUX
0.05
0.30
IOCON
-
0.06
0.40
-
SCTimer0/PWM
-
0.18
1.10
-
SCTimer1/PWM
-
0.19
1.10
-
SCTimer2/PWM
-
0.13
0.70
-
SCTimer3/PWM
-
0.16
0.90
-
SCT IPU
0.02
0.1
RTC
-
0.01
0.05
-
MRT
-
0.03
0.10
-
WWDT
-
0.01
0.10
Main clock selected as clock source for the
WDT.
RIT
0.07
0.20
QEI
0.12
0.80
I2C0
-
0.02
0.12
-
SPI0
-
0.03
0.3
-
SPI1
-
0.01
0.28
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com