Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1547JBD48 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 49Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 50Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 51Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 52Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 53Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 54Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 55Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 56Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
53 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
Table 10.
Thermal resistance value (C/W): ±15 %
Symbol
Parameter
Conditions
Typ
Unit
LQFP48
ja
thermal resistance
junction-to-ambient
JEDEC (4.5 in
 4 in)
0 m/s
64
C/W
1 m/s
55
C/W
2.5 m/s
50
C/W
8-layer (4.5 in
 3 in)
0 m/s
96
C/W
1 m/s
76
C/W
2.5 m/s
67
C/W
jc
thermal resistance
junction-to-case
13
C/W
jb
thermal resistance
junction-to-board
16
C/W
LQFP64
ja
thermal resistance
junction-to-ambient
JEDEC (4.5 in
 4 in)
0 m/s
51
C/W
1 m/s
45
C/W
2.5 m/s
41
C/W
8-layer (4.5 in
 3 in)
0 m/s
75
C/W
1 m/s
60
C/W
2.5 m/s
54
C/W
jc
thermal resistance
junction-to-case
13
C/W
jb
thermal resistance
junction-to-board
17
C/W
LQFP100
ja
thermal resistance
junction-to-ambient
JEDEC (4.5 in
 4 in)
0 m/s
42
C/W
1 m/s
37
C/W
2.5 m/s
34
C/W
8-layer (4.5 in
 3 in)
0 m/s
59
C/W
1 m/s
48
C/W
2.5 m/s
44
C/W
jc
thermal resistance
junction-to-case
12
C/W
jb
thermal resistance
junction-to-board
17
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com