Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1547JBD48 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 31Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 32Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 33Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 34Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 35Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 36Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 37Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 38Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
35 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
8.22.3 SCTimer/PWM in the large configuration (SCT0/1)
Remark: For applications that require exact timing of the SCT outputs (for example
PWM), assign the outputs only to fixed-pin functions to ensure that the output skew is
nearly the same for all outputs.
8.22.3.1
Features
The following feature list summarizes the configuration for the two large SCTs. Each large
SCT has a companion small SCT (see Section 8.22.4) with fewer inputs and outputs and
a reduced feature set.
• Each SCT supports:
– 16 match/capture registers
– 16 events
– 16 states
– Match register 0 to 5 support a fractional component for the dither engine
Fig 13. Subsystem with timers, switch matrix, DMA, and analog components
TEMP SENSOR
VDDA DIVIDER
VOLTAGE
REFERENCE
ACMP0
ACMP1
ACMP2
ACMP3
TIMER0 (SCT0)
TIMER1 (SCT1)
TIMER2 (SCT2)
TIMER3 (SCT3)
ADC0/ADC1
DAC
SCT IPU
DMA
NVIC
DAC_SHUTOFF
digital signal from/to pins
analog signal from/to pins
digital signal internal
analog signal internal
analog peripheral
digital peripheral
aaa-010874
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com