Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1547JBD48 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 77Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 78Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 79Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 80Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 81Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 82Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 83Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 84Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
81 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
[1]
Absolute temperature accuracy.
[2]
Typical values are derived from nominal simulation (VDDA = 3.3 V; Tamb = 27 C; nominal process models).
Maximum values are derived from worst case simulation (VDDA = 2.6 V; Tamb = 105 C; slow process
models).
[3]
Internal voltage reference must be powered before the temperature sensor can be turned on.
[4]
Settling time applies to switching between comparator and ADC channels.
[1]
Measured over matrix samples.
[2]
Measured for samples over process corners.
Table 27.
Temperature sensor static and dynamic characteristics
VDDA = 2.4 V to 3.6 V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DTsen
sensor
temperature
accuracy
Tamb = 40 C to +105 C
[1] --
5
C
EL
linearity error
Tamb = 40 C to +105 C-
-
5
C
ts(pu)
power-up
settling time
to 99% of temperature
sensor output value
[2][3] -81
110
s
Table 28.
Temperature sensor Linear-Least-Square (LLS) fit parameters
VDDA = 2.4 V to 3.6 V
Fit parameter
Range
Min
Typ
Max
Unit
LLS slope
Tamb = 40 C to +105 C
[1] -
-2.29
-
mV/
C
LLS intercept at 0
CT
amb = 40 C to +105 C
[1] -
577.3
-
mV
Value at 30
C
[2] 502
-
514
mV
VDDA = 3.3 V; measured on matrix samples.
Fig 43. LLS fit of the temperature sensor output voltage
aaa-011334
-40
-10
20
50
80
110
0
200
400
600
800
temperature (°C)
VO
VO
(mV)
(mV)
(mV)
Measured temperature sensor output
Measured temperature sensor output
measured temperature sensor output
LLS fit
LLS fit
LLS fit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com