Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1547JBD48 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 69Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 70Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 71Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 72Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 73Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 74Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 75Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 76Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
73 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
12.6 SPI interfaces
The maximum data bit rate is 17 Mbit/s in master mode and in slave mode.
Remark: SPI functions can be assigned to all digital pins. The characteristics are valid for
all digital pins except the open-drain pins PIO0_22 and PIO0_23.
Table 20.
SPI dynamic characteristics
Tamb = 40 C to 105 C; 2.4 V <= VDD <= 3.6 V; CL = 10 pF; input slew = 1 ns. Simulated
parameters sampled at the 50 % level of the rising or falling edge; values guaranteed by design.
Symbol
Parameter
Min
Max
Unit
SPI master
tDS
data set-up time
30
-
ns
tDH
data hold time
0
-
ns
tv(Q)
data output valid time
-
4
ns
th(Q)
data output hold time
2
-
ns
SPI slave
tDS
data set-up time
6
-
ns
tDH
data hold time
0
-
ns
tv(Q)
data output valid time
-
29
ns
th(Q)
data output hold time
12
-
ns
Tcy(clk) = CCLK/DIVVAL with CCLK = system clock frequency. DIVVAL is the SPI clock divider. See
the LPC15xx User manual UM10736.
Fig 36. SPI master timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com