Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1547JBD48 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 65Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 66Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 67Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 68Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 69Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 70Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 71Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 72Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
69 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
12. Dynamic characteristics
12.1 Flash/EEPROM memory
[1]
Number of program/erase cycles.
[2]
Programming times are given for writing 256 bytes to the flash. Tamb <= +85 C. Flash programming with
IAP calls (see LPC15xx user manual).
12.2 External clock for the oscillator in slave mode
Remark: The input voltage on the XTALIN and XTALOUT pins must be
 1.95 V (see
Table 11). For connecting the oscillator to the XTAL pins, also see Section 14.2.
[1]
Parameters are valid over operating temperature range unless otherwise specified.
Table 13.
Flash characteristics
Tamb = 40 C to +105 C. Based on JEDEC NVM qualification. Failure rate < 10 ppm for parts as
specified below.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Nendu
endurance
[1] 10000
100000
-
cycles
tret
retention time
powered
10
20
-
years
not powered
20
40
-
years
ter
erase time
page or multiple
consecutive pages,
sector or multiple
consecutive
sectors
95
100
105
ms
tprog
programming
time
[2] 0.95
1
1.05
ms
Table 14.
EEPROM characteristics
Tamb = 40 Cto+85 C; VDD = 2.7 V to 3.6 V. Based on JEDEC NVM qualification. Failure rate <
10 ppm for parts as specified below.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Nendu
endurance
100000
1000000
-
cycles
tret
retention time
powered
100
200
-
years
not powered
150
300
-
years
tprog
programming
time
64 bytes
-
2.9
-
ms
Table 15.
Dynamic characteristic: external clock (XTALIN input)
Tamb = 40 C to +105 C; VDD over specified ranges.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc
oscillator frequency
1
-
25
MHz
Tcy(clk)
clock cycle time
40
-
1000
ns
tCHCX
clock HIGH time
Tcy(clk)  0.4
-
-
ns
tCLCX
clock LOW time
Tcy(clk)  0.4
-
-
ns
tCLCH
clock rise time
-
-
5
ns
tCHCL
clock fall time
-
-
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com