Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1547JBD48 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 66Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 67Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 68Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 69Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 70Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 71Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 72Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 73Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
70 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
[2]
Typical ratings are not guaranteed. The values listed are for room temperature (25
C), nominal supply
voltages.
12.3 Internal oscillators
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are for room temperature (25
C), nominal supply
voltages.
Fig 33. External clock timing (with an amplitude of at least Vi(RMS) = 200 mV)
Table 16.
Dynamic characteristics: IRC
Tamb = 40 C to +105 C; 2.7 V VDD 3.6 V[1].
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc(RC)
internal RC
oscillator frequency
25 C  T
amb  +85 C
12 - 1%
12
12 + 1 %
MHz
40 C  T
amb < 25 C
12 - 2%
12
12 + 1 %
MHz
85
C < T
amb  105 C
12 - 1.5 % 12
12 + 1.5 % MHz
Conditions: Frequency values are typical values. 12 MHz
 1 % accuracy is guaranteed for
2.7 V
 V
DD  3.6 V and Tamb = 25 C to +85 C. Variations between parts may cause the IRC to
fall outside the 12 MHz
 1 % accuracy specification for voltages below 2.7 V.
Fig 34. Typical Internal RC oscillator frequency versus temperature
aaa-011233
-40
-10
20
50
80
110
11.85
11.9
11.95
12
12.05
12.1
12.15
temperature (°C)
fosc(RC)
osc(RC)
fosc(RC)
(MHz)
(MHz)
(MHz)
3.6 V
3.3 V
3.0 V
2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com