Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1547JBD48 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 72Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 73Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 74Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 75Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 76Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 77Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 78Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 79Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
76 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
12.8 SCT output timing
13. Characteristics of analog peripherals
[1]
Interrupt levels are selected by writing the level value to the BOD control register BODCTRL, see the
LPC15xx user manual.
Table 22.
SCT output dynamic characteristics
Tamb = 40 C to 105 C; 2.4 V <= VDD <= 3.6 V Cl = 10 pF. Simulated skew (over process, voltage,
and temperature) of any two SCT fixed-pin output signals; sampled at the 50 % level of the falling or
rising edge; values guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tsk(o)
output skew time
SCTimer0/PWM
-
-
4
ns
SCTimer1/PWM
-
-
3
ns
SCTimer2/PWM
-
-
1
ns
SCTimer3/PWM
-
-
2
ns
Table 23.
BOD static characteristics[1]
Tamb =25 C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vth
threshold voltage
interrupt level 2
assertion
-
2.55
-
V
de-assertion
-
2.69
-
V
interrupt level 3
assertion
-
2.83
-
V
de-assertion
-
2.96
-
V
reset level 2
assertion
-
2.34
-
V
de-assertion
-
2.49
-
V
reset level 3
assertion
-
2.64
-
V
de-assertion
-
2.79
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com