Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1547JBD48 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 41Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 42Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 43Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 44Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 45Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 46Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 47Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 48Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
45 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
8.35 Power domains
The LPC15xx provide two independent power domains that allow the bulk of the device to
have power removed while maintaining operation of the RTC and the backup Registers.
The VBAT pin supplies power only to the RTC domain. The RTC requires a minimum of
power to operate, which can be supplied by an external battery. The device core power
(VDD) is used to operate the RTC whenever VDD is present. Therefore, there is no power
drain from the RTC battery when VDD is and VDD >= VBAT + 0.3 V.
8.36 Integrated oscillators
The LPC15xx include the following independent oscillators: the system oscillator, the
Internal RC oscillator (IRC), the watchdog oscillator, and the 32 kHz RTC oscillator. Each
oscillator can be used for multiple purposes.
Following reset, the LPC15xx operates from the internal RC oscillator until software
switches to a different clock source. The IRC allows the system to operate without any
external crystal and the bootloader code to operate at a known frequency.
See Figure 14 for an overview of the LPC15xx clock generation.
Fig 15. Power distribution
REAL-TIME CLOCK
BACKUP REGISTERS
WAKE-UP
CONTROL
REGULATOR
32 kHz
OSCILLATOR
ALWAYS-ON/RTC POWER DOMAIN
MAIN POWER DOMAIN
RTCXIN
VBAT
VDD
RTCXOUT
VDD
VSS
to memories,
peripherals,
oscillators,
PLLs
to core
to I/O pads
ADC
TEMP SENSE
ACMP
DAC
INTERNAL
VOLTAGE REF
ADC POWER DOMAIN
VDDA
VSSA
LPC15xx
ULTRA LOW-POWER
REGULATOR
WAKEUP
aaa-010876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com