Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS147 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ZADCS147
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS147 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ZADCS147 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
11 of 25
1.3.3. Specific Parameters of basic ZADCS147 versions
(VDD = +2.7V to + 5.25V; fSCLK = 3.2MHz (50% duty cycle); 16 clocks/conversion cycle (200 ksps); OP = OPmin … OPma x)
Parameter
Symbol Conditions
Min
Typ
Max
Unit
External Reference at VREF
VREF Input Voltage Range
1.0
VDD +
50mV
V
VREF Input Current
VREF = 2.5V
180
215
µA
VREF Input Resistance
11.5
14
k
Shutdown VREF Input Current
0.1
µA
Capacitive Bypass at VREF
4.7
µF
Power Requirements
Positive Supply Voltage
VDD
2.7
5.25
V
Operating Mode
0.85
1.0
Positive Supply Current
IDD
VDD = 3.6V
Full Power-Down
0.5
4.0
µA
Operating Mode
1.00
1.3
Positive Supply Current
IDD
VDD = 5.25V
Full Power-Down
0.5
4.0
µA
1.3.4. Digital Pin Parameters
(VDD = +2.7V to + 5.25V; fSCLK = 3.2MHz (50% duty cycle); 16 clocks/conversion cycle (200 ksps); OP = OPmin … OPmax)
Parameter
Symbol Conditions
Min
Typ
Max
Unit
Digital Inputs (DIN, SCLK, CS, nSHDN)
VDD = 2.7V
1.9
V
Logic High Level
VIH
VDD = 5.25V
3.3
V
VDD = 2.7V
0.7
V
Logic Low Level
VIL
VDD = 5.25V
1.4
V
Hysteresis
VHyst
0.7
V
Input Leakage
IIN
VIN = 0V or VDD
± 0.1
± 1.0
µA
Input Capacitance
CIN
5
pF
Digital Outptus (DOUT, SSTRB)
VDD = 2.7V
3.5
8.5
mA
Output High Current
IOH
VOH= VDD – 0.5V
VDD = 5.25V
5.5
10.8
mA
VDD = 2.7V
4
11.5
mA
Output Low Voltage
IOL
VOL= 0.4V
VDD = 5.25V
6.4
15.3
mA
Three-State Leakage Current
ILeak
nCS = VDD
± 0.1
± 1.0
µA
Three-State Output Capacitance
COUT
nCS = VDD
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com