Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS147 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ZADCS147
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS147 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ZADCS147 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
15 of 25
2.2.
Analog Input
The analog input to the converter is fully differential. Both converter input signals IN+ and IN– (see Functional
Block diagram at front page) get sampled during the acquisition period enabling the converter to be used in
fully differential applications where both signals can vary over time.
The ZADCS146 /ZADCS147 converters do not require that the negative input signal be kept constant within
± 0.5LSB during the entire conversion as is commonly required by converters featuring pseudo differential
operation only.
The input signals can be applied single ended, referenced to the COM pin, or differential, using pairs of the
input channels. The desired configuration is selectable for every conversion via the Control-Byte received on
DIN pin of the digital interface (see further description below)
A block diagram of the input multiplexer is shown in Figure 6. Table 3 and Table 4 show the relationship of the
Control-Byte bits A2, A1, A0 and SGL/DIF to the configuration of the analog multiplexer.
Both input signals IN+ and IN– are generally allowed to swing between –0.2V and VDD+0.2V. However,
depending on the selected conversion mode – uniploar or bipolar – certain input voltage relations can limit the
output code range of the converter.
In unipolar mode the voltage at IN+ must exceed the voltage at IN– to obtain codes unequal to 0x00. The
entire 8 bit transfer characteristic is then covered by IN+ if IN+ ranges from IN– to (IN–+Vref). Any voltage on
IN+>(IN–+Vref) results in code 0xFF. Code 0xFF is not reached, if (IN–+Vref) > VDD + 0.2V because the input
voltage is clamped at VDD + 0.2V by ESD protection devices.
Figure 4: Input voltage range in unipolar mode
Figure 5: Input voltage range for bipolar mode
V
V
IN+
CM
The voltage at IN– can range from -0.2V … ½ VREF without limiting the Code Range, assuming the fore
mentioned VDD condition is true. See also Figure 4 for input voltage ranges in unipolar conversion mode.
0V
1.5*VREF
VREF
VIN-
VDD-VREF
Code Range
0xFF
0x00
0.5*VREF
0V
VREF
¾
V
Range
VCM
¼ VREF
-V
/2
0V
+V
/2
V
REF
REF
DIFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com