Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS147 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ZADCS147
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS147 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ZADCS147 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
14 of 25
2
Detailed Description
2.1.
General Operation
The ZADCS14x are classic successive approximation register (SAR) type converters. The architecture is
based on a capacitive charge redistribution DAC merged with a resistor string DAC building a hybrid converter
with excellent monotonicity and DNL properties. The Sample & Hold function is inherent to the capacitive
DAC. This avoids additional active components in the signal path that could distort the input signal or
introduce errors.
Both devices ZADCS146 / ZADCS147 build on the same converter core and differ only in the availability of an
internal reference voltage generator. ZADCS146 is equipped with a highly accurate internal 1.25V bandgap
reference which is available at the VREFADJ pin. The bandgap voltage is further amplified by an internal
buffer amplifier to 2.50V that is available at pin VREF. ZADCS147 comes without the internal reference and
the internal buffer amplifier. It requires an external reference supplied at VREF, with the benefit of
considerably lower power consumption.
A basic application schematic for ZADCS146 is shown in Figure 2, for ZADCS147 in Figure 3. ZADCS146 can
also be operated with an external reference, if VREFADJ is tied to VDD.
Figure 2: Basic application schematic for ZADCS146
Figure 3: Basic application schematic for ZADCS147
A2 A1 A0 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM
0
0
0
IN+
IN-
1
0
0
IN+
IN-
0
0
1
IN+
IN-
1
0
1
IN+
IN-
0
1
0
IN+
IN-
1
1
0
IN+
IN-
0
1
1
IN+
IN-
1
1
1
IN+
IN-
Table 3: Channel selection in Single Ended Mode
A2 A1 A0 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7
0
0
0
IN+
IN-
0
0
1
IN+
IN-
0
1
0
IN+
IN-
0
1
1
IN+
IN-
1
0
0
IN-
IN+
1
0
1
IN-
IN+
1
1
0
IN-
IN+
1
1
1
IN-
IN+
Table 4: Channel selection in Differential Mode
Single-ended or differential
analog inputs, 0V … +2.5V
nCS
1
DIN
2
DGND
3
AGND
4
VREF
5
COM
6
CH0
7
CH1
8
CH4
9
CH5
10
SCLK 20
SSTRB 19
DOUT 18
nSHDN 17
VDD 16
VREFADJ 15
CH2 14
CH3 13
CH6 12
CH7 11
ZADCS146
47nF
≥ 4.7µF
0.1µF
10µF
µC
+2.7V to 5.25V
Single-ended or differential
analog inputs, 0V … +VREF
nCS
1
DIN
2
DGND
3
AGND
4
VREF
5
COM
6
CH0
7
CH1
8
CH4
9
CH5
10
SCLK 20
SSTRB 19
DOUT 18
nSHDN 17
VDD 16
n.c. 15
CH2 14
CH3 13
CH6 12
CH7 11
ZADCS147
≥ 4.7µF
0.1µF
µC
+2.7V to 5.25V
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com