Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS147 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ZADCS147
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS147 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ZADCS147 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
16 of 25
In bipolar mode, IN+ can range from (IN– - Vref/2) to
(IN–+Vref/2) keeping the converter out of code
saturation. For instance, if IN– is set to a constant DC
voltage of Vref/2, then IN+ can vary from 0V to VREF to
cover the entire code range. Lower or higher voltages of
IN+ keep the output code at the minimum or maximum
code value.
Figure 5 shows the input voltage ranges in bipolar mode
when IN– is set to a constant DC voltage.
As explained before, ZADCS146 /ZADCS147 can also
be used to convert fully differential input signals that
change around a common mode input voltage.
The bipolar mode is best used for such purposes since
it allows the input signals to be positive or negative in
relation to each other.
The common mode level of a differential input signal is
calculated VCM = (V(IN+)+ V(IN–)) / 2. To avoid code
clipping or over steering of the converter, the common
mode level can change from ¼ VREF … ¾ VREF. Within
this range the peak to peak amplitude of the differential
input signal can be ± VREF/2.
The average input current on the analog inputs depends
on the conversion rate. The signal source must be
capable of charging the internal sampling capacitors
(typically 16pF on each input of the converter: IN+ and
IN–) within the acquisition time tACQ to the required
accuracy. The equivalent input circuit in sampling mode
is shown in Figure 7.
The following equation provides a rough hand calculation for a source impedance RS that is required to settle
out a DC input signal referenced to AGND with 8 bit accuracy in a given acquisition time
SW
IN
ACQ
S
R
C
9
t
R
For example, if fSCLK = 3.2MHz, the acquisition
time
is
tACQ = 781.25ns. Thus the output
impedance of the signal source RS must be less
than
1.34kΩ
kΩ
3
20pF
9
781.25ns
R
S
If the output impedance of the source is higher
than the calculated maximum RS the acquisition
time must be extended by reducing fSCLK to
ensure 8 bit accuracy. Another option is to add a
capacitor of > 20nF to the individual input.
Although this limits the bandwidth of the input
signal because an RC low pass filter is build
together with the source impedance, it may be useful for certain applications.
Figure 6: Block diagram of input multiplexer
Shown configuration
Figure 7: Equivalent input circuit during sampling
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
A2 … A0 = 0x000
IN+
Converter
IN-
COM
SGL/DIF = HIGH
See Table 3 & Table 4
for Coding Schemes
RSW
CHOLD+
16pF
CIN
4pF
RSW
CH0
AGND
CHOLD-
16pF
CIN
4pF
AGND
IN+
IN-
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
Channel
Multiplexer
3kΩ
VDC
3kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com