Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS147 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # ZADCS147
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS147 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button ZADCS147 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 25Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 26Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
23 of 25
3
Layout
To achieve optimum conversion performance care must be taken in design and layout of the application
board. It is highly recommended to use printed circuit boards instead of wire wrap designs and to establish a
single point star connection ground system towards AGND (see Figure 17).
For optimal noise performance the star point should be located very close to the AGND pin of the converter.
The ground return to the power supply should be as short as possible and low impedance.
All other analog ground points of external circuitry that is related to the A/D converter as well as the DGND pin
of the device should be connected to this ground point too. Any other digital ground system should be kept
apart as far as possible and connect on the power supply point only.
Analog and digital signal domains should also be separated as well as possible and analog input signals
should be shielded by AGND ground planes from electromagnetic interferences. Four-layer PCB boards that
allow smaller vertical distances between the ground plane and the shielded signals do generally show a better
performance than two-layer boards.
The sampling phase is the most critical portion of the overall conversion timing for signal distortion. If possible,
the switching of any high power devices or nearby digital logic should be avoided during the sampling phase
of the converter.
Current consumption vs. Sample Rate
External Clock Mode, External VREF, fSCLK = 3.3MHz
1
10
100
1000
10000
1
10
100
1000
Sample Rate (ksps)
Figure 16: Supply Current versus Sampling Rate
Figure 17: Optimal Power-Supply Grounding System
Optional
R = 10Ω
VDD1
(+2.7 … +5.25V)
ZADCS146
ZADCS147
COM
DGND
Other
DGND
GND
Digital
DVDD
Circuitry
VDD2
The fully differential internal architecture of the ZADCS146 and ZADCS147 ensures very good suppression of
power supply noise. Nevertheless, the SAR architecture is generally sensitive to glitches or sudden changes
of the power supply that occur shortly before the latching of the comparator output. It is therefore
recommended to bypass the power supply connection very close to the device with capacitors of 0.1µF
(ceramic) and >1µF (electrolytic). In case of a noisy supply, an additional series resistor of 5 to 10 ohms can
be used to low-pass filter the supply voltage. The reference voltage should always be bypassed with
capacitors of 0.1µF (ceramic) and ≥ 4.7µF (electrolytic) as close as possible to the VREF pin. If VREF is
provided by an external source, any series resistance in the VREF supply path can cause a gain error of the
converter. During conversion, a DC current of about 100µA is drawn through the VREF pin that could cause a
noticeable voltage drop across the resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com