Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS147 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # ZADCS147
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS147 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ZADCS147 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
19 of 25
Figure 11: 16-Clock External Clock Mode Conversion
DOUT
SSTRB
DIN
SCLK
nCS
8
1
8
1
S
A2 A1 A0 UNI/
BIP
SGL/
DIF
PD1 PD0
(MSB)
B11 B10 B9 B8 B7 B6 B5
B4
B3 B2 B1 B0
Zero filled
(Start)
Idle
(LSB)
1
8
UNI/
BIP
SGL/
DIF
PD1 PD0
B11 B10
1
Acquire
A0
A1
A2
S
Acquire
Idle
Conversion
Figure 12: 15-Clock External Clock Mode Conversion
SCLK
nCS
1
8
1
S
A2 A1 A0 UNI/
BIP
SGL/
DIF
PD1 PD0
B11 B10 B9 B8 B7
DOUT
SSTR
DIN
(MSB)
B6 B5
B3 B2 B1 B0
Zero filled
(Start)
Acquire
Idle
Conversion
(LSB)
1
A2 A1 A0 UNI/
BIP
SGL/
DIF
PD1 PD0
Acquire
B11 B10
1
1
B9 B8 B7 B6 B5 B4
S
A2
Conversion
B4
S
Internal Clock Mode
In Internal Clock Mode, the conversion starts at the falling clock edge of the eighth control bit just as in
External Clock Mode. However, there are no further clock pulses required at SCLK to complete the
conversion. The conversion clock is generated by an internal oscillator that runs at approximately 3.2MHz.
While the conversion is running, the SSTRB signal is driven LOW. As soon as the conversion is complete,
SSTRB is switched to HIGH, signalling that the conversion result can be read out on the serial interface. To
shorten cycle times ZADCS146 and ZADCS147 devices allow interleaving of the read out process with the
transmission of a new control byte. Thus it is possible to read the conversion result and to start a new
conversion with just two consecutive byte transfers, instead of thee bytes that would have to be send without
the interleaving function. While the IC is performing a conversion in Internal Clock Mode, the Chip Select
signal (nCS) may be tied HIGH allowing other devices to communicate on the bus. The output driver at DOUT
is switched into a high impedance state while nCS is HIGH. The conversion time tCONV may vary in the
specified limits depending on the actual VDD and temperature values.
16-Clocks per Conversion
Interleaving of the data read out process and transmission of a new Control Byte is also supported for
External Clock Mode operation. Figure 11 shows the transmission timing for conversion runs using 16 clock
cycles per run.
15-Clocks per Conversion
ZADCS146 and ZADCS147 do also support a 15 clock cycle conversion mode (see Figure 12). This is the
fastest conversion mode possible. In fact, the specified converter sampling rate of 200ksps will be reached in
this mode, provided the clock frequency is set to 3.2MHz. Usually micro controllers do not support this kind of
15 bit serial communication transfers. However, specifically designed digital state machines implemented in
Field Programmable Gate Arrays (FPGA) or Application Specific Integrated Circuits (ASIC) may use this
operation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com