Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS147 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ZADCS147
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS147 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ZADCS147 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Data Sheet
Rev. 2.0 / October 2011
ZADCS146/147
12-Bit, 200ksps, ADC Family


Similar Part No. - ZADCS147

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZADCS147 ZMD-ZADCS147 Datasheet
557Kb / 19P
12-Bit, 200ksps, 8-Channel, Serial Output ADC
More results

Similar Description - ZADCS147

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
12-Bit, 200ksps, 8-Channel, Serial Output ADC
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
12-Bit, 200ksps, Serial Output ADC Family
logo
Maxim Integrated Produc...
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
12 BIT 200KSPS SAMPLING ADC
logo
Linear Technology
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
16-/18-Bit, Octal 200ksps, SAR ADC
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com