Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS147 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ZADCS147
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS147 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ZADCS147 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
18 of 25
Figure 9: 24-Clock External Clock Mode Timing (fSCLK ≤ 3.2MHz)
nCS
tACQ
Figure 10: Internal Clock Mode Timing with interleaved Control Byte transmission
Table 5: Control Byte Format
BIT
Name
Description
7
(MSB)
START
The Start Bit is defined by the first logic ‘1’ after nCS goes low.
6
5
4
A2
A1
A0
Channel Select Bits. Along with SGL/DIF these bits control the setting of the input multiplexer.
For further details on the decoding see also Table 3 and Table 4.
3
UNI/BIP
Output Code Bit. The value of the bit determines conversion mode and output code format.
‘1’
=
unipolar - straight binary coding
‘0’
=
bipolar - two’s complement coding
2
SGL/DIF
Single-Ended / Differential Select Bit. Along with the Channel Select Bits A2 .. A0 this bit
controls the setting of the input multiplexer
‘1’
=
single ended - all channels CH0 … CH7 measured referenced to COM
‘0’
=
differential - the voltage between two channels is measured
1
0 (LSB)
PD1
PD0
Power Down and Clock Mode Select Bits
PD1
PD0
Mode
0
0
Full Power-Down
0
1
Fast Power-Down
1
0
Internal clock mode
1
1
External clock mode
S
A2 A1 A0 UNI/
BIP
SGL/
DIF
PD1 PD0
B11 B10 B9
B2 B1 B0
Zero filled
Acquire
Idle
Conversion
(MSB)
(LSB)
1
8
(Start)
nCS
SCLK
DIN
SSTRB
DOUT
B5
B4
B3
B8 B8 B6
1
8
1
8
S
A2 A1 A0 UNI/
BIP
SGL/
DIF
PD1 PD0
Acquire
Result Output
tCONV
S
A2 A1 A0 UNI/
BIP
SGL/
DIF
PD1 PD0
SCLK
1
8
1
8
1
8
DIN
(Start)
Acquire
Idle
Conversion
Idle
SSTRB
B11 B10
Zero filled
B9 B8 B7 B6 B5
B4
B3 B2 B1 B0
DOUT
(MSB)
(LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com