Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS147 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZADCS147
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS147 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZADCS147 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
9 of 25
1.3. Electrical Characteristics
1.3.1. General Parameters
(VDD = +2.7V to + 5.25V; fSCLK = 3.2MHz (50% duty cycle); 16 clocks/conversion cycle (200 ksps); VREF = 2.500V applied to VREF pin; OP = OPmin …
OPmax)
Parameter
Symbol Conditions
Min
Typ
Max
Unit
DC Accuracy
Resolution
12
Bits
Relative Accuracy
INL
ZADCS146/ ZADCS147
 1.0
LSB
No Missing Codes
NMC
12
Bits
Differential Nonlinearity
DNL
ZADCS146/ ZADCS147
 1.0
LSB
Offset Error
 0.5
 3.0
LSB
Gain Error
 0.5
 4.0
LSB
Gain Temperature Coefficient
 0.25
ppm/°C
Dynamic Specifications (10kHz sine-wave input, 0V to 2.500Vpp, 200ksps, 3.2MHz external clock)
Signal-to-Noise + Distortion Ratio
SINAD
68
73
dB
Total Harmonic Distortion
THD
Up to the 5
th harmonic
-88
-75
dB
Spurious-Free Dynamic Range
SFDR
74
80
dB
Small-Signal Bandwidth
-3dB roll off
3.8
MHz
Conversion Rate
Sampling Time
(= Track/Hold Acquisition Time)
tACQ
Ext. Clock = 3.2MHz, 2.5 clocks/
acquisition
0.758
µs
Ext. Clock = 3.2MHz, 12 clocks/
conversion
3.75
µs
Conversion Time
tCONV
Int. Clock = 3.2MHz +/- 12% tolerance 3.30
4.20
µs
Aperture Delay
30
ns
Aperture Jitter
< 50
ps
External Clock Frequency
0.1
3.2
MHz
Internal Clock Frequency
2.81
3.2
3.58
MHz
Analog Inputs
Unipolar, COM = 0V
0 to VREF
Input
Voltage
Range,
Single-
Ended and Differential
Bipolar, COM = VREF/2
 VREF / 2
V
Input Capacitance
16
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com