Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS147 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZADCS147
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS147 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZADCS147 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished in this publication is PRELIMINARY and subject to changes without notice.
Typical Applications
Embedded control & real time appl.
Industrial control & process control
applications
Motion control applications
Three phase motor control
Power generation (Solar,
Windmills, etc.)
Data Acquisition
Portable Data Logging
Battery-Powered Systems
Automotive
ZADCS146 Block Diagram
x 2.00
8-Channel
Analog
Input
Multiplexer
SAR
DAC
with inherent
T&H
+
-
IN -
IN +
Comparator
Internal
3.2 MHz
Oscillator
+1.25V
Reference
Serial
Interface
and
Control
State
Machine
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
REFADJ
VREF
nCS
SCLK
DIN
DOUT
SSTRB
nSHDN
VDD
DGND
AGND
Available in ZADCS146
Ordering Information
Order Code
ZADCS146VIS20T
12
8
200
-25°C to +85°C
± 1 LSB
± 1 LSB
20
SSOP
Tube
ZADCS147IS20T
12
8
200
-25°C to +85°C
--
± 1 LSB
± 1 LSB
20
SSOP
Tube
Sales and Further Information
www.zmdi.com
adc@zmdi.com
Zentrum Mikroelektronik
Dresden AG
Grenzstrasse 28
01109 Dresden
Germany
ZMD America, Inc.
8413 Excelsior Drive
Suite 200
Madison, WI 53717
USA
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD FAR EAST, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Phone
+49 (0)351.8822.7232
Fax
+49 (0)351.8822.87232
Phone
+1 (608) 829-1987
Fax
+1 (631) 549-2882
Phone
+81.3.6895.7410
Fax
+81.3.6895.7301
Phone
+886 2 2377 8189
Fax
+886 2 2377 8199
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are PRELIMINARY and subject to change without notice. Zentrum
Mikroelektronik Dresden AG (ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be
true and accurate. However, under no circumstances shall ZMD AG be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential
damages of any kind or nature whatsoever arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any
liability of ZMD AG to any customer, licensee or any other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for any
damages in connection with or arising out of the furnishing, performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or
otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com