Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS147 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ZADCS147
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS147 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ZADCS147 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
8 of 25
1.2.
Package Pin Assignment ZADCS146 / ZADCS147
Package
pin number
Name
Direction Type
Description
1
CH0
IN
Analog
Analog Input Channel 0
2
CH1
IN
Analog
Analog Input Channel 1
3
CH2
IN
Analog
Analog Input Channel 2
4
CH3
IN
Analog
Analog Input Channel 3
5
CH4
IN
Analog
Analog Input Channel 4
6
CH5
IN
Analog
Analog Input Channel 5
7
CH6
IN
Analog
Analog Input Channel 6
8
CH7
IN
Analog
Analog Input Channel 7
9
COM
IN
Analog
Ground reference for analog inputs in Single- Ended Mode
10
nSHDN
IN
Analog
Active Low Shutdown
11
VREF
I/O
Analog
Reference Buffer Output / External Reference Input
12
REFADJ
I/O
Analog
Input to Reference Buffer Amplifier /
13
AGND
SUPPLY
Analog Ground
14
DGND
SUPPLY
Digital Ground
15
DOUT
OUT
CMOS Digital
Serial Data Output
16
SSTRB
OUT
CMOS Digital
Serial Strobe Output
17
DIN
IN
CMOS Digital
Serial Data Input
18
nCS
IN
CMOS Digital
Active Low Chip Select
19
SCLK
IN
CMOS Digital
Serial Clock Input
20
VDD
SUPPLY
Positive Supply Voltage
Table 2: Pin list ZADCS146 / ZADCS147
Figure 1 Package Pin Assignment for ZADCS146 & ZADCS147
CH0
VDD
SCLK
CH1
nCS
CH2
DIN
CH3
SSTRB
CH4
DOUT
CH5
DGND
CH6
AGND
CH7
REFADJ / n.c. for ZADCS147
COM
VREF
nSHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com